Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5023AJQLPG Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5023AJQLPG
Description  Digital-Switch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5023AJQLPG Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV5023AJQLPG Datasheet HTML 3Page - Texas Instruments DRV5023AJQLPG Datasheet HTML 4Page - Texas Instruments DRV5023AJQLPG Datasheet HTML 5Page - Texas Instruments DRV5023AJQLPG Datasheet HTML 6Page - Texas Instruments DRV5023AJQLPG Datasheet HTML 7Page - Texas Instruments DRV5023AJQLPG Datasheet HTML 8Page - Texas Instruments DRV5023AJQLPG Datasheet HTML 9Page - Texas Instruments DRV5023AJQLPG Datasheet HTML 10Page - Texas Instruments DRV5023AJQLPG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Supply Voltage (V)
0
10
20
30
40
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
D003
DRV5023BI
DRV5023AJ
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
2
3
4
5
6
7
D004
DRV5023AJ
DRV5023BI
Supply Voltage (V)
0
10
20
30
40
4
6
8
10
12
14
16
D001
DRV5023AJ
DRV5023BI
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
4
6
8
10
12
14
16
D002
DRV5023AJ
DRV5023BI
Supply Voltage (V)
0
10
20
30
40
2
2.5
3
3.5
D009
TA
±
ƒ&
TA = 25°C
TA = 75°C
TA = 125°C
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
2
2.5
3
3.5
D010
VCC = 2.5 V
VCC = 3.3 V
VCC = 13.2 V
VCC = 38 V
7
DRV5023
www.ti.com
SLIS151E – MAY 2014 – REVISED FEBRUARY 2016
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. ICC vs VCC
Figure 2. ICC vs Temperature
TA = 25°C
Figure 3. BOP vs VCC
VCC = 3.3 V
Figure 4. BOP vs Temperature
TA = 25°C
Figure 5. BRP vs VCC
VCC = 3.3 V
Figure 6. BRP vs Temperature


Similar Part No. - DRV5023AJQLPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5023AJQLPGMQ1 TI1-DRV5023AJQLPGMQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5023AJQLPGQ1 TI1-DRV5023AJQLPGQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5023AJQLPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5023 TI-DRV5023_15 Datasheet
963Kb / 26P
[Old version datasheet]   DRV5023 Digital-Switch Hall Effect Sensor
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5021 TI1-DRV5021 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Unipolar, Digital-Switch Hall Effect Sensor
DRV5023-Q1 TI-DRV5023-Q1_15 Datasheet
966Kb / 26P
[Old version datasheet]   DRV5023-Q1 Automotive Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com