Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5013AGQDBZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5013AGQDBZR
Description  Digital-Latch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5013AGQDBZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV5013AGQDBZR Datasheet HTML 2Page - Texas Instruments DRV5013AGQDBZR Datasheet HTML 3Page - Texas Instruments DRV5013AGQDBZR Datasheet HTML 4Page - Texas Instruments DRV5013AGQDBZR Datasheet HTML 5Page - Texas Instruments DRV5013AGQDBZR Datasheet HTML 6Page - Texas Instruments DRV5013AGQDBZR Datasheet HTML 7Page - Texas Instruments DRV5013AGQDBZR Datasheet HTML 8Page - Texas Instruments DRV5013AGQDBZR Datasheet HTML 9Page - Texas Instruments DRV5013AGQDBZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
DRV5013
SLIS150E – MARCH 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV5013
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VCC)
VCC
VCC operating voltage
2.5
38
V
ICC
Operating supply current
VCC = 2.5 to 38 V, TA = 25°C
2.7
mA
VCC = 2.5 to 38 V, TA = 125°C
3
3.5
ton
Power-on time
35
50
µs
OPEN DRAIN OUTPUT (OUT)
rDS(on)
FET on-resistance
VCC = 3.3 V, IO = 10 mA, TA = 25°C
22
Ω
VCC = 3.3 V, IO = 10 mA, TA = 125°C
36
50
Ilkg(off)
Off-state leakage current
Output Hi-Z
1
µA
PROTECTION CIRCUITS
VCCR
Reverse supply voltage
–22
V
IOCP
Overcurrent protection level
OUT shorted VCC
15
30
45
mA
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN DRAIN OUTPUT (OUT)
td
Output delay time
B = BRP – 10 mT to BOP + 10 mT in 1 µs
13
25
µs
tr
Output rise time (10% to 90%)
R1 = 1 k
Ω, CO = 50 pF, VCC = 3.3 V
200
ns
tf
Output fall time (90% to 10%)
R1 = 1 k
Ω, CO = 50 pF, VCC = 3.3 V
31
ns
(1)
1 mT = 10 Gauss
(2)
Bandwidth describes the fastest changing magnetic field that can be detected and translated to the output.
6.7 Magnetic Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT(1)
ƒBW
Bandwidth(2)
20
30
kHz
DRV5013FA: 1.3 / –1.3 mT
BOP
Operate point; see Figure 12
TA = –40°C to 125°C
–0.5
1.3
2.9
mT
BRP
Release point; see Figure 12
–2.9
–1.3
0.5
mT
Bhys
Hysteresis; Bhys = (BOP – BRP)
1.2
2.5
mT
BO
Magnetic offset; BO = (BOP + BRP) / 2
–1.5
0
1.5
mT
DRV5013AD: 2.7 / –2.7 mT
BOP
Operate point; see Figure 12
TA = –40°C to 125°C
1
2.7
5
mT
BRP
Release point; see Figure 12
–5
–2.7
–1
mT
Bhys
Hysteresis; Bhys = (BOP – BRP)
5.4
mT
BO
Magnetic offset; BO = (BOP + BRP) / 2
–1.5
0
1.5
mT
DRV5013AG: 6 / –6 mT
BOP
Operate point; see Figure 12
TA = –40°C to 125°C
3
6
9
mT
BRP
Release point; see Figure 12
–9
–6
–3
mT
Bhys
Hysteresis; Bhys = (BOP – BRP)
12
mT
BO
Magnetic offset; BO = (BOP + BRP) / 2
–1.5
0
1.5
mT


Similar Part No. - DRV5013AGQDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013AGQDBZR TI1-DRV5013AGQDBZR Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013AGQDBZRQ1 TI1-DRV5013AGQDBZRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5013AGQDBZRQ1 TI1-DRV5013AGQDBZRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
More results

Similar Description - DRV5013AGQDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011_V01 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com