Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5013 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV5013
Description  Digital-Latch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5013 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV5013_16 Datasheet HTML 7Page - Texas Instruments DRV5013_16 Datasheet HTML 8Page - Texas Instruments DRV5013_16 Datasheet HTML 9Page - Texas Instruments DRV5013_16 Datasheet HTML 10Page - Texas Instruments DRV5013_16 Datasheet HTML 11Page - Texas Instruments DRV5013_16 Datasheet HTML 12Page - Texas Instruments DRV5013_16 Datasheet HTML 13Page - Texas Instruments DRV5013_16 Datasheet HTML 14Page - Texas Instruments DRV5013_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VCC
BOP
BRP
t (s)
B (mT)
t (s)
OUT
t (s)
Valid Output
ton
VCC
BOP
BRP
t (s)
B (mT)
t (s)
t (s)
OUT
Valid Output
ton
11
DRV5013
www.ti.com
SLIS150E – MARCH 2014 – REVISED FEBRUARY 2016
Product Folder Links: DRV5013
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Power-On Time
After applying VCC to the DRV5013 device, ton must elapse before the OUT pin is valid. During the power-up
sequence, the output is Hi-Z. A pulse as shown in Figure 13 and Figure 14 occurs at the end of ton. This pulse
can allow the host processor to determine when the DRV5013 output is valid after startup. In Case 1 (Figure 13)
and Case 2 (Figure 14), the output is defined assuming a constant magnetic field B > BOP and B < BRP.
Figure 13. Case 1: Power On When B > BOP
Figure 14. Case 2: Power On When B < BRP


Similar Part No. - DRV5013_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
More results

Similar Description - DRV5013_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011_V01 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com