Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89740002100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 89740002100
Description  18 AWG stranded (19x30) tinned copper conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

89740002100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  89740002100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 89740002100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 89740002100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
18 AWG stranded (19x30) tinned copper conductors, plenum, FEP insulation, twisted pair, FEP jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
18
19x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
FEP - Fluorinated Ethylene Propylene 0.1778
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Trade Name Outer Jacket Material
Nom. Wall Thickness (mm)
Teflon®
FEP - Fluorinated Ethylene Propylene 0.2286
Overall Cabling
Overall Nominal Diameter:
3.353 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
Mechanical Characteristics (Overall)
Operating Temperature Range:
-70°C To +200°C
Bulk Cable Weight:
25.299 Kg/Km
Max. Recommended Pulling Tension:
217.962 N
Min. Bend Radius (Install)/Minor Axis:
35.560 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMP
CEC/C(UL) Specification:
CMP
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
89740 Multi-Conductor - Audio, Control and Instrumentation Cable


Similar Part No. - 89740002100

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
89740 BELDEN-89740 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-002100 BELDEN-89740-002100 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-0021000 BELDEN-89740-0021000 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-0023000 BELDEN-89740-0023000 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-002500 BELDEN-89740-002500 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results

Similar Description - 89740002100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1347098 ETC2-1347098 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors,
1647596 ETC2-1647596 Datasheet
100Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1351328 ETC2-1351328 Datasheet
98Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1682745 ETC2-1682745 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1344841 ETC2-1344841 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors
28469 ETC2-28469 Datasheet
33Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1345065 ETC2-1345065 Datasheet
99Kb / 3P
   18 AWG stranded (19x30) TC conductors, polypropylene insulation
1345945 ETC2-1345945 Datasheet
100Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
9773 ETC2-9773 Datasheet
102Kb / 3P
   18 AWG stranded (19x30) TC conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com