Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF11-30DP-2DS Datasheet(PDF) 10 Page - Hirose Electric

Part # DF11-30DP-2DS
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-30DP-2DS Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF11-30DP-2DS Datasheet HTML 4Page - Hirose Electric DF11-30DP-2DS Datasheet HTML 5Page - Hirose Electric DF11-30DP-2DS Datasheet HTML 6Page - Hirose Electric DF11-30DP-2DS Datasheet HTML 7Page - Hirose Electric DF11-30DP-2DS Datasheet HTML 8Page - Hirose Electric DF11-30DP-2DS Datasheet HTML 9Page - Hirose Electric DF11-30DP-2DS Datasheet HTML 10Page - Hirose Electric DF11-30DP-2DS Datasheet HTML 11Page - Hirose Electric DF11-30DP-2DS Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
A275
sIn-line Adaptor
BIn-line Adaptor Panel Cutouts
Note1: Please use the non-radius surface in the panel hooking area.
Note2: Applicable panel thickness is 1.6 to 1.0mm (A slight backlash will occur in the thickness other than 1.6 and 1.2mm.)
Part Number
CL No.
Unit: mm
DF11- 4DEP-2A(**)
DF11- 6DEP-2A(**)
DF11- 8DEP-2A(**)
DF11-10DEP-2A(**)
DF11-12DEP-2A(**)
DF11-14DEP-2A(**)
DF11-16DEP-2A(**)
DF11-18DEP-2A(**)
DF11-20DEP-2A(**)
DF11-22DEP-2A(**)
DF11-24DEP-2A(**)
DF11-26DEP-2A(**)
DF11-28DEP-2A(**)
DF11-30DEP-2A(**)
DF11-32DEP-2A(**)
543-0698-1-**
543-0699-4-**
543-0700-1-**
543-0701-4-**
543-0702-7-**
543-0703-0-**
543-0704-2-**
543-0705-5-**
543-0706-8-**
543-0707-0-**
543-0708-3-**
543-0709-6-**
543-0710-5-**
543-0711-8-**
543-0712-0-**
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
9.2
11.2
13.2
15.2
17.2
19.2
21.2
23.2
25.2
27.2
29.2
31.2
33.2
35.2
37.2
Number of Contacts
A
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
C
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
D
9.4
11.4
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
35.4
37.4
E
6.3
8.3
10.3
12.3
14.3
16.3
18.3
20.3
22.3
24.3
26.3
28.3
30.3
32.3
34.3
F
Note1: The specific No. "Blank" item is delivered per bag unit (100 pcs.). Please order products per bag unit.
[Specific No.] –* *, (* *)
Blank
:100 pcs. per pack


Similar Part No. - DF11-30DP-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-30DP-2DS ETC2-DF11-30DP-2DS Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DP-2DSA HIROSE-DF11-30DP-2DSA Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-30DP-2DSA HIROSE-DF11-30DP-2DSA Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-30DP-2DSA ETC2-DF11-30DP-2DSA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DP-2DSA01 HIROSE-DF11-30DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results

Similar Description - DF11-30DP-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
DF2-2P-2.5C HIROSE-DF2-2P-2.5C Datasheet
140Kb / 4P
   2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com