Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46R32160E Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46R32160E
Description  Auto Refresh and Self Refresh Modes
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46R32160E Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46R32160E Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46R32160E Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46R32160E Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46R32160E Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46R32160E Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46R32160E Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46R32160E Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46R32160E Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46R32160E Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Integrated Silicon Solution, Inc.
1
Rev. 00A
10/24/13
Copyright © 2013 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the lat-
est version of this device specification before relying on any published information and before placing orders for products.
IS43R86400E
IS43/46R16320E, IS43/46R32160E
FEATURES
• VDDandVDDQ:2.5V±0.2V(-5,-6)
• VDDandVDDQ:2.5V±0.1V(-4)
• SSTL_2compatibleI/O
• Double-dataratearchitecture;twodatatransfers
per clock cycle
• Bidirectional,datastrobe(DQS)istransmitted/
received with data, to be used in capturing data
at the receiver
• DQSisedge-alignedwithdataforREADsand
centre-alignedwithdataforWRITEs
• Differentialclockinputs(CKandCK)
• DLLalignsDQandDQStransitionswithCK
transitions
• CommandsenteredoneachpositiveCKedge;
data and data mask referenced to both edges of
DQS
• Fourinternalbanksforconcurrentoperation
• DataMaskforwritedata.DMmaskswritedata
at both rising and falling edges of data strobe
• BurstLength:2,4and8
• BurstType:SequentialandInterleavemode
• ProgrammableCASlatency:2,2.5and3
• AutoRefreshandSelfRefreshModes
• AutoPrecharge
OPTIONS
• Dierevision:D
• Configuration(s):
16Mx32
32Mx16
64Mx8
• Package(s):
144BallBGA(x32)
66-pinTSOP-II(x8,x16)and60BallBGA(x8,x16)
• Lead-freepackageavailable
• TemperatureRange:
Commercial(0°Cto+70°C)
Industrial(-40°Cto+85°C)
Automotive,A1(-40°Cto+85°C)
Automotive,A2(-40°Cto+105°C)
16Mx32, 32Mx16, 64Mx8
512Mb DDR SDRAM
ADVANCED INFORMATION
NOVEMBER 2013
DEVICE OVERVIEW
ISSI’s512-MbitDDRSDRAMachieveshighspeeddata
transfer using pipeline architecture and two data word
accessesperclockcycle.The536,870,912-bitmemory
arrayisinternallyorganizedasfourbanksof128Mbto
allowconcurrentoperations.ThepipelineallowsRead
and Write burst accesses to be virtually continuous, with
theoptiontoconcatenateortruncatethebursts.The
programmablefeaturesofburstlength,burstsequence
andCASlatencyenablefurtheradvantages.Thedevice
isavailablein8-bit,16-bitand32-bitdatawordsize
InputdataisregisteredontheI/Opinsonbothedges
ofDataStrobesignal(s),whileoutputdataisreferenced
tobothedgesofDataStrobeandbothedgesofCLK.
CommandsareregisteredonthepositiveedgesofCLK.
AnAutoRefreshmodeisprovided,alongwithaSelf
Refreshmode.AllI/OsareSSTL_2compatible.
KEY TIMING PARAMETERS
Speed Grade
-4
-5
-6
Units
x8, x16
only
FckMaxCL=3
250
200
167
MHz
FckMaxCL=2.5 167
167
167
MHz
FckMaxCL=2
133
133
133
MHz
ADDRESS TABLE
Parameter
16M x 32
32M x 16
64M x 8
Configuration
4Mx32x4
banks
8Mx16x4
banks
16Mx8x4
banks
BankAddress
Pins
BA0,BA1
BA0,BA1
BA0,BA1
Autoprecharge
Pins
A8/AP
A10/AP
A10/AP
RowAddress
8K(A0–A12) 8K(A0–A12) 8K(A0–A12)
Column
Address
512(A0–A7,
A9)
1K(A0–A9)
2K(A0–A9,
A11)
RefreshCount
Com./Ind./A1
A2
8K/64ms
8K/16ms
8K/64ms
8K/16ms
8K/64ms
8K/16ms


Similar Part No. - IS46R32160E

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46R32400E ISSI-IS46R32400E Datasheet
1Mb / 31P
   Auto Refresh and Self Refresh Modes
IS46R32800D-6BLA1 ISSI-IS46R32800D-6BLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R32800F ISSI-IS46R32800F Datasheet
1Mb / 32P
   Auto Precharge
More results

Similar Description - IS46R32160E

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16800E ISSI-IS43R16800E Datasheet
1Mb / 31P
   Auto Refresh and Self Refresh Modes
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com