Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8503 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN8503
Description  MSD Pro-Billet Digital E-Curve Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8503 Datasheet(HTML) 1 Page - Mallory performance club

  PN8503 Datasheet HTML 1Page - Mallory performance club PN8503 Datasheet HTML 2Page - Mallory performance club PN8503 Datasheet HTML 3Page - Mallory performance club PN8503 Datasheet HTML 4Page - Mallory performance club PN8503 Datasheet HTML 5Page - Mallory performance club PN8503 Datasheet HTML 6Page - Mallory performance club PN8503 Datasheet HTML 7Page - Mallory performance club PN8503 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSD Pro-Billet Digital E-Curve Distributor
Ford 289/302
PN 8503 - U.S. Patent 6820602
Important: Read these instructions before attempting the installation.
Parts Included:
1 - Digital E-Curve Distributor
1 - Rotor, PN 8467
1 - Distributor Cap, PN 8433
1 - Wire Retainer
2 - 1.5" Self Tapping Screws
1 - 3-Pin Harness
1 - Tube of Gear Lubricant
1 - O-Ring
1 - Timing Tape Set, PN 8985
WARNING: Before installing the MSD Digital E-Curve Distributor, disconnect the battery cables.
When disconnecting the battery cables, always remove the Negative (-) cable first and
install it last.
Figure 1 Rotary Dial Adjustments.
Timing
Switch 1
Timing Switch 2
Rev
Limiter
Note: The terminals of this Digital E-Curve Distributor
require spark plug style terminals. You may need
to change the terminals and boots of your wires.
MSD offers two kits, PN 8849 or PN 8848, that are
supplied with nine boots and terminals.
DIGITAL E-CURVE FUNCTIONS
RPM LIMIT
This distributor is equipped with an adjustable rev limiter. It
is adjustable from 5,000 - 10,000 rpm by a rotary dial under
the cap and rotor (Figure 1). The rpm will not exceed your
selected amount to protect the engine from over-rev damage.
TIMING FUNCTIONS
Electronic Advance Curve Operation: The Electronic Advance Curve is managed by a
microprocessor built into the ignition module. You can program an electronic timing advance curve
by adjusting two rotary switches under the distributor cap (Figure 1). A magnetic pickup is used
as a trigger device that tells the ignition module when to fire the coil. The pickup is triggered by
a reluctor mounted to the distributor shaft. This means that you have to set the distributor at the
highest, or Total, amount of advance that you want to achieve (including vacuum advance) and
compensate with one of the selectable ignition curves (shown on page 4). Following are important
definitions that will be used to set up your timing.
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - PN8503

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85001 MALLORY-PN85001 Datasheet
724Kb / 12P
   MSD Super HEI Kit
PN8504 MALLORY-PN8504 Datasheet
901Kb / 8P
   MSD Pro-Billet Digital E-Curve Distributor Chrysler, 318, 340, 360
PN8509 MALLORY-PN8509 Datasheet
148Kb / 2P
   Magnetic Signal Stabilizer
More results

Similar Description - PN8503

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8394 MALLORY-PN8394 Datasheet
927Kb / 8P
   MSD Pro-Billet Digital E-Curve Distributor
PN8504 MALLORY-PN8504 Datasheet
901Kb / 8P
   MSD Pro-Billet Digital E-Curve Distributor Chrysler, 318, 340, 360
PN8363 MALLORY-PN8363 Datasheet
526Kb / 8P
   MSD Pro-Billet Distributor
PN8524 MALLORY-PN8524 Datasheet
625Kb / 8P
   MSD Pro-Billet Distributor
PN8594 MALLORY-PN8594 Datasheet
394Kb / 8P
   MSD Pro-Billet Distributor
PN83831 MALLORY-PN83831 Datasheet
394Kb / 8P
   MSD Pro-Billet Distributor
PN85806 MALLORY-PN85806 Datasheet
351Kb / 8P
   MSD Pro-Billet Marine Distributor
PN8517 MALLORY-PN8517 Datasheet
334Kb / 8P
   MSD Pro-Billet V8 Distributor
PN8560 MALLORY-PN8560 Datasheet
351Kb / 8P
   MSD Pro-Billet Marine Distributor
PN83891 MALLORY-PN83891 Datasheet
489Kb / 8P
   MSD Pro-Billet Chrysler Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com