Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8477 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN8477
Description  MSD Pro-Billet Small Diameter Street Ford V8 Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8477 Datasheet(HTML) 1 Page - Mallory performance club

  PN8477 Datasheet HTML 1Page - Mallory performance club PN8477 Datasheet HTML 2Page - Mallory performance club PN8477 Datasheet HTML 3Page - Mallory performance club PN8477 Datasheet HTML 4Page - Mallory performance club PN8477 Datasheet HTML 5Page - Mallory performance club PN8477 Datasheet HTML 6Page - Mallory performance club PN8477 Datasheet HTML 7Page - Mallory performance club PN8477 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Important: Read these instructions before attempting the installation.
Parts Included:
1 - Pro-Billet Distributor
1 - Rotor, PN 8467
1 - Distributor Cap, PN 8431
1 - Advance Kit
1 - O-ring Seal
1 - Tube of Gear Lubricant
1 - Parts Bag
Note: An MSD 6, 7, 8 or 10 Series Ignition Control must be used.
Note: The spark plug wire terminals of the Small Diameter Distributors are HEI style terminals. You
may need to change the terminals and boots of your wires. MSD offers a kit, PN 8850, that
comes with nine boots and terminals.
TIMING FUNCTIONS
Before continuing with the installation, here are a few definitions you should be aware of:
Initial Timing: This is the base timing (also referred to as idle timing) of the engine before the
centrifugal advance begins.
Centrifugal Advance: The centrifugal (or mechanical) advance mechanism is made up of weights,
springs, advance cams, and an advance stop bushing. The amount of centrifugal advance that your
distributor is capable of is determined by the stop bushing. If you ever wish to lock out the centrifugal
advance, refer to the centrifugal advance section.
Total Timing: This is the total of the initial timing plus the centrifugal advance added together.
Example: 10° Initial + 25° centrifugal = 35° Total Timing. (When checking Total timing, disconnect
and plug the vacuum advance.)
Vacuum Advance: The vacuum advance will advance the timing up to 10° during partial throttle
driving (with 15 lbs. of vacuum). The vacuum line should be routed to a ported vacuum outlet above
the throttle plates.
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
MSD Pro-Billet Small Diameter
Street Ford V8 Distributor
351C-460: PN 8477, PN 84771
steel gear,
351W: PN 8478, PN 84781
steel gear,
289/302: PN 8479, PN 84791
steel gear
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
Note: Vacuum Advance can be locked using lock plate in parts bag.


Similar Part No. - PN8477

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8473 MALLORY-PN8473 Datasheet
275Kb / 8P
   MSD Ford Billet Distributors
PN84791 MALLORY-PN84791 Datasheet
366Kb / 8P
   MSD Pro-Billet Small Diameter Street Ford V8 Distributor
More results

Similar Description - PN8477

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN84791 MALLORY-PN84791 Datasheet
366Kb / 8P
   MSD Pro-Billet Small Diameter Street Ford V8 Distributor
85793 MALLORY-85793 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
PN8577 MALLORY-PN8577 Datasheet
394Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
85783 MALLORY-85783 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
PN8579 MALLORY-PN8579 Datasheet
394Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
85773 MALLORY-85773 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
PN83501 MALLORY-PN83501 Datasheet
632Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN85773 MALLORY-PN85773 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributo
PN83503 MALLORY-PN83503 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
83503 MALLORY-83503 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com