Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43LR32160B Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS43LR32160B
Description  4M x 32Bits x 4Banks Mobile DDR SDRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR32160B Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS43LR32160B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LR32160B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LR32160B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43LR32160B Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43LR32160B Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43LR32160B Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43LR32160B Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43LR32160B Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43LR32160B Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
IS43LR32160B, IS46LR32160B
11
Rev. B | Apr. 2012
www.issi.com - dram@issi.com
Notes:
1.
PCG = PRECHARGE command, MRS = LOAD MODE REGISTER command, AREF = AUTOREFRESH command,
ACT = ACTIVE command, RA = Row address, BA = Bank address.
2.
NOP or DESELECT commands are required for at least 200μs.
3.
Other valid commands are possible.
4.
NOPs or DESELECTs are required during this time.
5.
Two clocks at minimum.
Figure 7 : Power up sequence
ACT
BA
BA0=L,
BA1=H
BA0=L,
BA1=L
All
Banks
MRS
MRS
AREF
AREF
PCG
NOP
NOP2
NOP 3
CLK
/CLK
CKE
T0
Command1
T1
Ta0
tCL
DM
A0~A9,
A11, A12
Tb0
Tc0
Td0
Te0
Tf0
tCK
LVCMOS
HIGH LEVEL
A10
BA0, BA1
DQS, DQ
High-Z
T = 200 µs
tIS
RA
CODE
CODE
tIS
tIH
RA
CODE
CODE
tIS
tIH
tIS
tIH
tRP4
tRFC4
tRFC 4
tMRD4,5
tMRD4,5
tIH
VDDQ
VDD
tIS
tIH
Load Standard Mode
Register
Load Extended Mode
Register
Power-up: VDD and CLK stable
Don’ t care


Similar Part No. - IS43LR32160B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32160C ISSI-IS43LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS43LR32160B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32160C ISSI-IS43LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800F ISSI-IS43LR32800F Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32400F ISSI-IS43LR32400F Datasheet
1Mb / 42P
   1M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32200B ISSI-IS43LR32200B Datasheet
1Mb / 42P
   512K x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800G ISSI-IS43LR32800G Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS43LR16800F-6BLI ISSI-IS43LR16800F-6BLI Datasheet
1Mb / 42P
   2M x 16Bits x 4Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com