Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2526 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT8A2526
Description  Universal Timer Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2526 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT8A2526 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2526 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2526 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2526 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2526 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2526 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2526 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2526 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2526 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-12-0013
PT0266-5
01/03/14
3
PT8A2524-26/34-36/44-46
Universal Timer Controller
Functional Description (Note: In below description, “RELAY” presents a pin, while “relay” means a device.)
Clock extracting circuit
VCC is not only the power supply pin but also clock
source for internal precise timer. With the help of the
external circuit, the AC 50/60Hz clock signal can be
extracted to be used as timer clock source.
Internal RC oscillator circuit
It is employed to create pulse driving signal for RELAY,
it is a completely internal RC oscillator with frequency
of about 128KHZ.
Timer chain
Timer chain can be used to generate various timer
including 15/30/45/60/90/120/240/480min.
Button sampling circuit
With external buttons, ON/OFF/RESET function can be
realized. User can select one button with once ON, once
OFF or two buttons to turn ON or OFF separately, also
use one button to restart timer.
Button sampling circuit senses button’s operation 3 times
per 8ms. System will sample the button’s operation
during first 100ms after power on, if buttons are pressed
during this period, then system will start 3s timer to
check if the chip will enter into quick test mode (see test
mode section). If the related button is pressed over 3s
just after power on, chip will enter quick test mode as
soon as the button is released. If buttons are not pressed
during first 100ms, system will operate normally.
RELAY driving circuit
RELAY driving signal is special, anytime, first 8ms is
always high following output pulse signal with about
32KHZ and 25% duty cycle.
DISC is used to limit the voltage of external high voltage
capacitor by discharging it with a NPN transistor.
After power on, DISC should be active during first 1s
before RELAY in order to charge the external high
voltage capacitor.
RELAY is active to output first 8ms high following
32KHz with 25% duty cycle. When relay is OFF,
RELAY will output a narrow pulse each 8ms, while,
DISC is active to output 32KHz with 25% duty cycle.
For PT8A2524/2534 one button (RESET)
Button is tied to RELAY pin.
Pressing button RESET to turn on relay and restart
internal timer.
RELAY is active once the button is released.
DISC will output low when relay is ON.
32KHz with 25%duty
RELAY is active
DISC
RELAY
8ms
8ms
8ms
8ms
8ms
DISC is active
For PT8A2525/2535 one button (ON/OFF)
Button is tied to RELAY pin, once ON, once OFF.
Pressing button ON/OFF to turn on/off relay and
start/reset internal timer.
RELAY is active when the button is pressed at first time.
DISC is active when the button is pressed at second time.
DISC outputs Low when relay is ON.
For PT8A2526/2536 two buttons (ON, OFF)
Button tied to DISC pin is for ON, Button tied to
RELAY pin is for OFF.
Pressing button ON to turn on relay and start internal
timer.
Pressing button OFF to turn off relay and reset internal
timer.
RELAY is active when button ON is pressed.
DISC is active when button OFF is pressed.
DISC will output a narrow pulse each 8ms when relay is
ON.
Buzzer
For PT8A2524/25/34/35/44/45, a buzzer will make 0.5s
sound with a frequency of 4KHz every 1s for 6 times
after internal timer times out. Pin DISC will output 4KHz
with 25% duty for 0.5s to let the buzzer work, then
output 32KHz with 25% duty for 0.5s, after the output 6
times 4KHz, DISC will keep output 32KHz.
Quick Test Mode(QTM)
In order to make the manufacturer’s test convenient,
quick test mode is designed to speed up the test.
QTM can be accessed by pressing button (ON or
RESET) over 3s (option 2s) once power on. It can exit
automatically after quick test timer is expired, system
needs to power on again to come back normal operation
after quick test mode. Any button operations will be
ignored in QTM.
Note: For PT8A2526/2536, the button to be pressed over
3s to enter into QTM is OFF.
Driving signals of RELAY and DISC


Similar Part No. - PT8A2526

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2521 PERICOM-PT8A2521 Datasheet
304Kb / 9P
   Universal Timer Controller
PT8A2522 PERICOM-PT8A2522 Datasheet
304Kb / 9P
   Universal Timer Controller
PT8A2523 PERICOM-PT8A2523 Datasheet
304Kb / 9P
   Universal Timer Controller
More results

Similar Description - PT8A2526

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2521 PERICOM-PT8A2521 Datasheet
304Kb / 9P
   Universal Timer Controller
logo
NXP Semiconductors
HEF4753B PHILIPS-HEF4753B Datasheet
95Kb / 10P
   Universal timer module
January 1995
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
   VIDEO TIMER / CONTROLLER
logo
Guangdong Youtai Semico...
NE556 UMW-NE556 Datasheet
1Mb / 7P
   Universal dual channel precision timer
logo
BOWIN ELECTRONIC CO.
LS6032 BOWIN-LS6032 Datasheet
131Kb / 9P
   4 Digit Universal Timer with clock
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
   UNIVERSAL COMMUNICATIONS CONTROLLER
logo
Advanced Micro Devices
AM9519A AMD-AM9519A Datasheet
673Kb / 14P
   Universal Interrupt Controller
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152_10 Datasheet
914Kb / 61P
   Universal Communications Controller
logo
List of Unclassifed Man...
CRT5027 ETC1-CRT5027 Datasheet
576Kb / 8P
   CRT VIDEO TIMER AND CONTROLLER
logo
Vishay Siliconix
SI9120 VISHAY-SI9120 Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com