Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8389 Datasheet(PDF) 5 Page - Mallory performance club

Part # PN8389
Description  MSD Pro-Billet Ready-to-Run Chrysler Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8389 Datasheet(HTML) 5 Page - Mallory performance club

  PN8389 Datasheet HTML 1Page - Mallory performance club PN8389 Datasheet HTML 2Page - Mallory performance club PN8389 Datasheet HTML 3Page - Mallory performance club PN8389 Datasheet HTML 4Page - Mallory performance club PN8389 Datasheet HTML 5Page - Mallory performance club PN8389 Datasheet HTML 6Page - Mallory performance club PN8389 Datasheet HTML 7Page - Mallory performance club PN8389 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INSTALLATION INSTRUCTIONS
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
1. Remove the existing distributor cap without
disconnecting any of the spark plug wires.
2. With the cap off, crank the engine until the
rotor is aimed at a fixed point on the engine or
firewall. Note this position by making a mark
(Figure 9).
3. Place the distributor cap back on and note
which plug wire the rotor is pointing to. MARK
THESPARKPLUGWIRESandremovethe
distributor cap.
4. Disconnect the wiring from the distributor.
5. Loosen the distributor hold down clamp,
slide the clamp out of the way and lift the
distributor out of the engine.
6. Install the new O-ring and install the new
distributor making sure that the rotor
comes to rest pointing at the fixed mark.
If the distributor will not fully seat with the
rotor pointing to the marked position, you
may need to rotate the oil pump shaft until
the rotor lines up and the distributor fully
seats.
7. Position and tighten the hold down clamp
onto the distributor.
8. Install the distributor cap and spark plug
wires one at a time to ensure correct
location. An optional wire retainer is
supplied to secure the wires in place. Align
the mounting bosses and use the supplied
1.5" self-tapping Phillips screws to hold the
retainer in place.
9. Page 8 shows how to set the rev limiter
and connect the tachometer.
Figure 9 Marking the Rotor Location.
INSTALLING THE DISTRIBUTOR
Figure 10 Optional Installation by Bolting Cap Down.
Installation Option: This Cap can also be
bolted down to an MSD Pro-Billet or Billet
Distributor base with the supplied hardware.
To accomplish this, the spring clips must be
cut off (Figure 10).
Note: When the cap is bolted down, the
location of the spark plug wires must
be changed.


Similar Part No. - PN8389

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN83891 MALLORY-PN83891 Datasheet
489Kb / 8P
   MSD Pro-Billet Chrysler Distributor
More results

Similar Description - PN8389

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8388 MALLORY-PN8388 Datasheet
603Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
83873 MALLORY-83873 Datasheet
597Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN8386 MALLORY-PN8386 Datasheet
603Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN8595 MALLORY-PN8595 Datasheet
536Kb / 8P
   MSD Pro-Billet Ready to Run Distributor
PN8360 MALLORY-PN8360 Datasheet
683Kb / 8P
   MSD Pro-Billet Ready-to-Run Distributor
8360 MALLORY-8360 Datasheet
677Kb / 8P
   MSD Pro-Billet Ready-to-Run Distributor
PN83891 MALLORY-PN83891 Datasheet
489Kb / 8P
   MSD Pro-Billet Chrysler Distributor
PN8534 MALLORY-PN8534 Datasheet
521Kb / 8P
   MSD Pro-Billet Chrysler V8 Distributor
PN8523 MALLORY-PN8523 Datasheet
662Kb / 8P
   MSD Pro-Billet Ready-to-Run AMC V8 Distributor
PN8545 MALLORY-PN8545 Datasheet
334Kb / 8P
   MSD Pro-Billet Chrysler V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com