Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MQ138T-M-16S-CV Datasheet(PDF) 4 Page - Hirose Electric

Part No. MQ138T-M-16S-CV
Description  Universal Plug connectors for PDC Type Digital Cellular Phones
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MQ138T-M-16S-CV Datasheet(HTML) 4 Page - Hirose Electric

  MQ138T-M-16S-CV Datasheet HTML 1Page - Hirose Electric MQ138T-M-16S-CV Datasheet HTML 2Page - Hirose Electric MQ138T-M-16S-CV Datasheet HTML 3Page - Hirose Electric MQ138T-M-16S-CV Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
http://www.hirose-connectors.com
sStandard cover type
10
(18.9)
23
No.1
No.9
No.7
No.15
(17)
(16)
(Ø7.4)
E
A
B
C
D
sCable bushing(For standard cover only)
sStandard cover type
sClamp
sLabel
sCoaxial contact
Plug
Strain Relief Clamp
Flexible Boot
Label
Coaxial contact
A
B
C
D
E
Connector type
Standard type
Reverse type
MQ138-M-16(13)S-CV
MQ138-M-16(13)S-CVR
Part Number
CL206-0749-6
CL206-2031-0
CL No.
Cable Dia.
4mm
4.8mm
5.2mm
MQ138-BS
(4.0)(01)
MQ138-BS
(4.8)(01)
MQ138-BS
(5.2)(01)
Part Number
CL206-0890-4-01
CL206-0683-0-01
CL206-0662-0-01
CL No.
Applicable cable
Coaxial/signal combined cable
1.5D-2W
0.8D-2W
MS-138-C(P)-1
MS-138-C(P)-1
MS-138-C(P)-2
Part Number
CL358-0088-3
CL358-0100-7
CL358-0101-0
CL No.
Cable Dia.
4mm
4.8mm
5.2mm
MQ138-CM(4.0)
MQ138-CM(4.8)
MQ138-CM(5.2)
Part Number
CL206-0891-7
CL206-0684-2
CL206-0664-5
CL No.
MQ138-M-LABEL
Part Number
CL206-0769-3
CL No.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn