Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2514A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT8A2514A
Description  New Toaster Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2514A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT8A2514A Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2514A Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2514A Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2514A Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2514A Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2514A Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
New Toaster Controller
12-03-0003
PT0271-2
03/28/12
1
PT8A2514A
Features
 Operating voltage: 3.5V~5.5V.
 Have Defrost, Reheat and Bagel function
 Relay output disable without external oscillator
 Adjustable timer: 30s~10mins
 Few external components
 Low cost 8-Pin DIP package
Ordering Information
Part No.
Package
PT8A2514APE
Lead free DIP-8
Notes:
1. E = Pb-free and Green
Description
The PT8A2514A is a CMOS LSI chip designed for
toasters application. It will use different timer when
different function was active, and the time can be
adjusted by external R/C. It has Reheat, Defrost, Bagel
function.
The chip includes: Power on reset circuit, Logic
control circuit, Output driver circuit, Key scan circuit,
timer circuit, Built-in internal oscillator and external R/C
oscillator circuit etc. It is enclosed in lead free DIP-8
package.
Application
 Toaster Controller
Function comparison table
PT8A2514A
DEFROST and REHEAT key interlock each other, and BEGAL key is individual
Block Diagram
Power On
Re set
Circuit
Logic control
RX
OSC
CX
Timer
VCC
GND
Oscillator
Output
BAGEL
REHEAT
DEFROST
Ke y
scan
driver
Oscillator
System


Similar Part No. - PT8A2514A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8A2511 ETC-PT8A2511 Datasheet
127Kb / 1P
   PT8A2511
logo
Pericom Semiconductor C...
PT8A2511 PERICOM-PT8A2511 Datasheet
285Kb / 6P
   Toaster Controller
PT8A2511PE PERICOM-PT8A2511PE Datasheet
285Kb / 6P
   Toaster Controller
PT8A2511WE PERICOM-PT8A2511WE Datasheet
285Kb / 6P
   Toaster Controller
PT8A2512NE PERICOM-PT8A2512NE Datasheet
215Kb / 5P
   Simple Toaster Controller
More results

Similar Description - PT8A2514A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2511 PERICOM-PT8A2511 Datasheet
285Kb / 6P
   Toaster Controller
PT8A2512NE PERICOM-PT8A2512NE Datasheet
215Kb / 5P
   Simple Toaster Controller
logo
Omron Electronics LLC
E5ZNSCT24S500 OMRON-E5ZNSCT24S500 Datasheet
1Mb / 13P
   New DIN Track Mounting Temperature Controller
logo
IDEC Corporation
FT1A-M12RA-B IDEC-FT1A-M12RA-B Datasheet
2Mb / 11P
   Value. Versatility. The New Breed of Controller
logo
Diodes Incorporated
ZXGD3103 DIODES-ZXGD3103 Datasheet
266Kb / 2P
   New Synchronous Rectifier Controller further improves power supply efficiency
logo
List of Unclassifed Man...
BA8206BA4K ETC1-BA8206BA4K Datasheet
124Kb / 4P
   New Application of Rem ote Fan Controller BA8206 BA4
logo
TOKYO SEIMITSU CO., LTD
ACCTEE ACCRETECH-ACCTEE Datasheet
947Kb / 11P
   New Measurement Style with New Concept
logo
CUI INC
CUI-103E-10 CUI-CUI-103E-10 Datasheet
27Kb / 1P
   NEW DRAWING
logo
E-SWITCH
14-PA5F32C E-SWITCH-14-PA5F32C Datasheet
163Kb / 1P
   NEW RELEASE
logo
List of Unclassifed Man...
DS1095-05 ETC-DS1095-05 Datasheet
137Kb / 1P
   NEW RELEASE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com