Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2511 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT8A2511
Description  Toaster Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2511 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT8A2511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2511 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2511 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0146-5
07/06/2011
4
PT8A2511
Toaster Controller
Application Circuit
SW1
DEFROST
SW2
REHEAT
SW3
CANCEL
R7
56k
C2
223
R2
1K
R16
1K
R3 2K
VCC
Q1
8050
L1
D1
1N4148
C1
220UF/16V
R1
R9
R10
220V
CONTROL BOARD
VZ1
3.9V
R6 250k
R4
D2
1N4007
C3
47UF
NTC
HEATER
S1
LEVER
C4
R11
R13
R14
1K
R12
R8
R15
DFROST
1
OSC
6
RELAY
3
VCC
4
CX
7
REHEAT
2
RX
5
GND
8
PT8A2511P
VCC
R18
222
510
510
R17
1K
R5
1K
240
Note: It's better to make
C2 less than 563 and R7
larger than 30k


Similar Part No. - PT8A2511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8A2511 ETC-PT8A2511 Datasheet
127Kb / 1P
   PT8A2511
More results

Similar Description - PT8A2511

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2514A PERICOM-PT8A2514A Datasheet
386Kb / 6P
   New Toaster Controller
PT8A2512NE PERICOM-PT8A2512NE Datasheet
215Kb / 5P
   Simple Toaster Controller
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
   Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
   CONTROLLER
logo
Festo Corporation.
4252742 FESTO-4252742 Datasheet
84Kb / 3P
   Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
   Controller
logo
TT Electronics.
DS3019 TTELEC-DS3019 Datasheet
310Kb / 2P
   Controller
logo
Festo Corporation.
5226780 FESTO-5226780 Datasheet
76Kb / 2P
   Controller
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
   Controller for Controller for Adapters
March, 2018 ??Rev. 2
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com