Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A992A Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT8A992A
Description  10-Function Remote Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A992A Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT8A992A Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A992A Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A992A Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A992A Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A992A Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A992A Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A992A Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A992A Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A992A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0096-1
07/06/2012
5
PT8A992A/993A
10-Function Remote Controller
PT8A993A (Unless otherwise noted, VCC = 4.0V, TA = 0 ~ 70ºC)
Sym
Description
Test conditions
Min
Typ
Max
Unit
ISTB
Stand by current
TA = 70ºC, Off state
-
3
20
A
ICC
Supply Current
Output Unload
-
-
700
A
IOH
Output HIGH Current - VO1, VO2 and OSCO Pins
VOH=3.5V, TA = 25ºC
-300
-
-
A
Output HIGH Current - Forward, Backward, Left and Right Pins
-2
-5
-
mA
Output HIGH Current - F1, F2, F3 F4, F5 and F6 Pins
-2
-5
-
mA
Output HIGH Current - PC Pin
-2
-3
-
mA
IOL
Output LOW Current - VO1, VO2 and OSCO Pins
VOL=0.5V, TA = 25ºC
150
-
-
A
Output LOW Current - Forward, Backward, Left and Right Pins
1
3
-
mA
Output LOW Current - F1, F2, F3, F4, F5 and F6 Pins
1
3
-
mA
Output LOW Current - PC Pin
2
-
-
mA
IIH
Input HIGH Current - VT1 and VT2 Pins
VI=VCC, TA = 25ºC
20
30
100
A
Input HIGH Current - SI, VI1, VI2, ON/OFF and OSCI Pins
-
-
10
A
IIL
Input LOW Current - SI, VI1, VI2, VT1, VT2 and OSCI Pins
VI=0V, TA = 25ºC
-
-
-10
A
Input LOW Current - ON/OFF Pin
-20
-30
-100
A
VT
Over Current Limit VT1 and VT2 Pins
Forward is high
0.35
-
0.45
V
AC Electrical Characteristics
PT8A992A (Unless otherwise noted, VCC = 4.0, TA = 0 ~ 70ºC)
Sym
Description
Test conditions
Min
Typ
Max
Unit
fOSC
(Note)
Oscillator Frequency
Rf=180kΩ, TA = 25ºC
109
128
146
kHz
tFUN
Period Function Code
fOSC =128kHz, TA = 25ºC
1.7
2
2.3
ms
fOSC
Carrier Frequency
fOSC =128kHz, TA = 25ºC
-
64
-
kHz
PT8A993A (Unless otherwise noted, VCC = 4.0, TA = 0 ~ 70ºC)
Sym
Description
Test conditions
Min
Typ
Max
Unit
fOSC
(Note)
Oscillator Frequency
Rf=180kΩ, TA = 25ºC
109
128
146
kHz
tFUN
Period Function Code
fOSC =128kHz, TA = 25ºC
1.7
2
2.3
ms
Note: The frequency of standard samples is tested on standard testing-board.


Similar Part No. - PT8A992A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A990APE PERICOM-PT8A990APE Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A991A PERICOM-PT8A991A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A991APE PERICOM-PT8A991APE Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A995 PERICOM-PT8A995 Datasheet
133Kb / 10P
   Digital Proportional Remote Controller with 2 Analog CHs & 2 Digital CHs
More results

Similar Description - PT8A992A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A973 PERICOM-PT8A973 Datasheet
75Kb / 13P
   7-Function Remote Controller
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A977P PERICOM-PT8A977P Datasheet
97Kb / 12P
   5-Function Remote Controller
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
AAEON Technology
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
   Supports Remote Display Function
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
   Supports Remote Display Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com