Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A990APE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT8A990APE
Description  9-Function Remote Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A990APE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PT8A990APE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A990APE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A990APE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A990APE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A990APE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A990APE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A990APE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A990APE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A990APE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0095-1
07/06/2012
6
PT8A992A/993A
10-Function Remote Controller
Typical Application Circuit
Typical Application Circuit for PT8A990A
9V
L1
22U
L2
22U
L3
Q2
9014H
Q1
9014H
CRYSTAL
27M
C2
0.1U
C3
47P
C4
47P
C6
47P
C7
0.02U
C8
47P
C1
47U/16V
A
R2
180K
R3 120K
R4
100
R5
6.8K
R6
33K
R7
100
C10
10P
C9
100P
C5
0.02U
D2 4.3V
D1
1N4148
R11
1K
R8
2.2M
R10
3.9K
R9
330
Right
1
2
GND
3
Backward
4
Forward
5
Turbo
6
SC
7
NC
8
F4
9
Left
18
F1
17
OSCI
16
OSCO
15
PC
14
F3
10
Vcc
13
SO
12
F2
11
PT8A990A
NC


Similar Part No. - PT8A990APE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
   10-Function Remote Controller
PT8A992APE PERICOM-PT8A992APE Datasheet
325Kb / 9P
   10-Function Remote Controller
PT8A993A PERICOM-PT8A993A Datasheet
325Kb / 9P
   10-Function Remote Controller
PT8A993APE PERICOM-PT8A993APE Datasheet
325Kb / 9P
   10-Function Remote Controller
PT8A995 PERICOM-PT8A995 Datasheet
133Kb / 10P
   Digital Proportional Remote Controller with 2 Analog CHs & 2 Digital CHs
More results

Similar Description - PT8A990APE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A973 PERICOM-PT8A973 Datasheet
75Kb / 13P
   7-Function Remote Controller
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A977P PERICOM-PT8A977P Datasheet
97Kb / 12P
   5-Function Remote Controller
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
   10-Function Remote Controller
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
AAEON Technology
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
   Supports Remote Display Function
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
   Supports Remote Display Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com