Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43LR16320B-6BL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS43LR16320B-6BL
Description  8M x 16Bits x 4Banks Mobile DDR SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16320B-6BL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS43LR16320B-6BL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LR16320B-6BL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LR16320B-6BL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LR16320B-6BL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LR16320B-6BL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LR16320B-6BL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LR16320B-6BL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LR16320B-6BL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LR16320B-6BL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
IS43LR16320B, IS46LR16320B
11
Rev. A | Apr. 2012
www.issi.com - dram@issi.com
8M x 16Bits x 4Banks Mobile DDR SDRAM
Description
The IS43/46LR16320B is a 536,870,912 bits CMOS Mobile Double Data Rate Synchronous DRAM organized as 4 banks of 8,388,608 words x
16 bits. This product uses a double-data-rate architecture to achieve high-speed operation. The Data Input/ Output signals are transmitted
on a 16bit bus. The double data rate architecture is essentially a 2
N prefetch architecture with an interface designed to transfer two data
words per clock cycle at the I/O pins. This product offers fully synchronous operations referenced to both rising and falling edges of the clock.
The data paths are internally pipelined and 2n-bits prefetched to achieve very high bandwidth. All input and output voltage levels are
compatible with LVCMOS.
Features
• JEDEC standard 1.8V power supply.
• VDD = 1.8V, VDDQ = 1.8V
• Four internal banks for concurrent operation
• MRS cycle with address key programs
- CAS latency 2, 3 (clock)
- Burst length (2, 4, 8, 16)
- Burst type (sequential & interleave)
• Fully differential clock inputs (CK, /CK)
• All inputs except data & DM are sampled at the rising
edge of the system clock
• Data I/O transaction on both edges of data strobe
• Bidirectional data strobe per byte of data (DQS)
• DM for write masking only
• Edge aligned data & data strobe output
• Center aligned data & data strobe input
• 64ms refresh period (8K cycle)
• Auto & self refresh
• Concurrent Auto Precharge
• Maximum clock frequency up to 166MHZ
• Maximum data rate up to 333Mbps/pin
• Power Saving support
- PASR (Partial Array Self Refresh)
- Auto TCSR (Temperature Compensated Self Refresh)
- Deep Power Down Mode
- Programmable Driver Strength Control by Full Strength
or 1/2, 1/4, 1/8 of Full Strength
• LVCMOS compatible inputs/outputs
• 60-Ball FBGA package
Copyright © 2010 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.


Similar Part No. - IS43LR16320B-6BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR16320C ISSI-IS43LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS43LR16320B-6BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR16320C ISSI-IS43LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16400B ISSI-IS43LR16400B Datasheet
1Mb / 42P
   1M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16800F-6BLI ISSI-IS43LR16800F-6BLI Datasheet
1Mb / 42P
   2M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS42VM16320D ISSI-IS42VM16320D Datasheet
550Kb / 27P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320E ISSI-IS42VM16320E Datasheet
832Kb / 33P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS43LR32160C ISSI-IS43LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800G ISSI-IS43LR32800G Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800F ISSI-IS43LR32800F Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com