Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3VDP12412 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3VDP12412 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
5
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Power/Ground Pins
Pin #
Pin Name Type
Description
18
VDD18
Power
LDO Output Pin for internal core supplier. Add external 4.7 uF ca-
pacitor to GND
3,14,21,23,27,33,39,45,53 GND
Ground Ground Pins
2,6,11,15,24,30,36,42,48 VDD
Power
3.3V Power Supply
14-0020


Similar Part No. - PI3VDP12412

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
   4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
Pericom Semiconductor C...
PI3VDP12412NEE PERICOM-PI3VDP12412NEE Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Diodes Incorporated
PI3VDP12412NEE DIODES-PI3VDP12412NEE Datasheet
926Kb / 12P
   4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
Pericom Semiconductor C...
PI3VDP12412ZHE PERICOM-PI3VDP12412ZHE Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
More results

Similar Description - PI3VDP12412

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
logo
Semtech Corporation
GS2986 SEMTECH-GS2986 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2965 SEMTECH-GS2965 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Integrated Device Techn...
854S712 IDT-854S712 Datasheet
457Kb / 17P
   1:2 Fanout Buffer with Pre-Emphasis
logo
Renesas Technology Corp
854S712 RENESAS-854S712 Datasheet
765Kb / 18P
   1:2 Fanout Buffer with Pre-Emphasis
October 10, 2017
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com