Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3VDP3212 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3VDP3212
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP3212 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3VDP3212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
PI3HDX412BD
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate
with Equalization & Pre-emphasis
Features
y
y
Support up to 3.4Gbps TMDS Serial Link Compliant
with HDMI 1.4b requirement
y
y
HDMI 1-to-2 Splitter or 1-to-2 DeMux with
Equalization & Pre-emphasis up to 340 MHz Clock
y
y
AC or DC Coupled Differential Signaling Input
y
y
ConfigurableTMDSOutputSignalwithPortSelection,
Pre-emphasis, Voltage Swing, Slew Rate Control
y
y
Support Squelch Mode with Built-in Clock detector
y
y
Control Status Register controlled by Pin strap or I2C
mode programming
y
y
ESD Protection on I/O pins to connector: 8KV Contact
per IEC6100-4-2 and 2KV HBM
y
y
Supply Voltage: 3.3V
y
y
Industrial Temperature Range: -40oC to 85oC
y
y
Packaging (Pb-free & Green): 56-contact TQFN
(ZB56)
General Description
Pericom Semiconductor’s PI3HDX412BD, active-drive
switch solution is targeted for high-resolution video net-
works that are based on HDMITM/DVI standards, and
TMDS signal processing.
The PI3HDX412BD is an active single TMDS channel to two
TMDS channel Splitter and DeMux with Hi-Z outputs. The
device drives differential signals to multiple video display
units.
It provides controllable output swing levels that can be con-
trolled through pin control or I2C control, depending on
the mode select pin. This solution also provides a unique
advanced pre-emphasis technique to increase rise and fall
times.
The maximum HDMITM/DVI data rate of 3.4Gbps provides
a 1920x1080 @60Hz resolution or 4K @30Hz required for
4K HDTV and PC graphics products. Due to its active uni-
directional feature, this switch is designed for usage only
for the video driver’s side. For PC graphics application, the
device sits at the driver’s side to switch between multiple dis-
play units, such as PC LCD monitor, projector, TV, etc.
PI3HDX412BD ensures transmitting high bandwidth video
streams from PC graphics source to end display units. It will
also provide enhanced robust ESD/EOS protection, which is
required by many consumer video networks today.
HDMI Input
HDMI Outputs
Port_A
Port_B
VDD
D0P1
D0N1
GND
CLKP1
CLKN1
VDD
D2P2
D2N2
GND
D1P2
D1N2
VDD
D0P2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
15 16 17 18 19 20 21 22 23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47 46 45 44 43
MS
VDD
GND
D2P
D2N
VDD
D1P
D1N
D0P
D0N
VDD
CLKP
CLKN
GND
PI3HDX412BD
TQFN- 56
Application Block Diagram
PI3HDX412BD Package & Pinout
14-0020


Similar Part No. - PI3VDP3212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP3212ZLE PERICOM-PI3VDP3212ZLE Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP3212ZLSE PERICOM-PI3VDP3212ZLSE Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
More results

Similar Description - PI3VDP3212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
logo
Semtech Corporation
GS2986 SEMTECH-GS2986 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2965 SEMTECH-GS2965 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Integrated Device Techn...
854S712 IDT-854S712 Datasheet
457Kb / 17P
   1:2 Fanout Buffer with Pre-Emphasis
logo
Renesas Technology Corp
854S712 RENESAS-854S712 Datasheet
765Kb / 18P
   1:2 Fanout Buffer with Pre-Emphasis
October 10, 2017
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com