Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1577AAB-155.5200 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # S1577AAB-155.5200
Description  3.3V PECL High Frequency VCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

S1577AAB-155.5200 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  S1577AAB-155.5200 Datasheet HTML 1Page - Pericom Semiconductor Corporation S1577AAB-155.5200 Datasheet HTML 2Page - Pericom Semiconductor Corporation S1577AAB-155.5200 Datasheet HTML 3Page - Pericom Semiconductor Corporation S1577AAB-155.5200 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
All specifications are subject to change without notice.
PR 3.3V REV2008_DEC04_01.4
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
3.3V PECL High Frequency VCXO
3.3V PECL High Frequency VCXO
PR Series Voltage Controlled Crystal Oscillator (VCXO)
Legacy S1577 Series | 7.0 x 5.0mm
PR
Reliability Test Ratings
This product is rated to meet the following test conditions:
Type
Parameter
Test Condition
Mechanical
Shock
MIL-STD-883, Method 2002, Condition B
Mechanical
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Mechanical
Terminal strength
MIL-STD-883, Method 2004, Condition D
Mechanical
Gross leak
MIL-STD-883, Method 1014, Condition C
Mechanical
Fine leak
MIL-STD-883, Method 1014, Condition A2 (R1 = 2x10-8 atm cc/s)
Mechanical
Solvent resistance
MIL-STD-202, Method 215
Environmental
Thermal shock
MIL-STD-883, Method 1011, Condition A
Environmental
Moisture resistance
MIL-STD-883, Method 1004
Environmental
Vibration
MIL-STD-883, Method 2007, Condition A
Environmental
Resistance to soldering heat
J-STD-020C Table 5-2 Pb-free devices (2 cycles max)
Reflow Soldering Profile
Peak 260°C for 10 sec max
260
1 to 3°C/sec max
60 to 90 sec
Time
1 to 3°C/sec
217
4 to 6 minutes max
As per IPC/JEDEC J-STD-020C
Mechanical Drawing


Similar Part No. - S1577AAB-155.5200

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
S15 YANGJIE-S15 Datasheet
105Kb / 2P
   Schottky Rectifier
logo
RFE international
S15 RFE-S15 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
PANDUIT CORP.
S15-40-C PANDUIT-S15-40-C Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S15-40-C0 PANDUIT-S15-40-C0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S15-50-C PANDUIT-S15-50-C Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - S1577AAB-155.5200

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
   HIGH FREQUENCY PECL VCXO
logo
Pletronics, Inc.
VPU7029036EG000050 PLETRONICS-VPU7029036EG000050 Datasheet
155Kb / 8P
   High Frequency PECL VCXO
logo
Fox Electronics
RFV300 FOX-RFV300 Datasheet
264Kb / 1P
   3.3V LV-PECL VCXO
logo
Golledge Electronics Lt...
GVXO44 GOLLEDGE-GVXO44 Datasheet
62Kb / 1P
   3.3V VCXO High Frequency
GVXO-44F GOLLEDGE-GVXO-44F_16 Datasheet
137Kb / 1P
   3.3V VCXO - High Frequency
GVXO-53F GOLLEDGE-GVXO-53F Datasheet
581Kb / 5P
   3.3V High Frequency VCXO
logo
Pericom Semiconductor C...
PRETHE156 PERICOM-PRETHE156 Datasheet
899Kb / 2P
   3.3V PECL 156.25MHz Ethernet VCXO
PRSONT155 PERICOM-PRSONT155 Datasheet
914Kb / 2P
   3.3V PECL 155.52MHz SONET VCXO
logo
Golledge Electronics Lt...
GVXO-34 GOLLEDGE-GVXO-34_15 Datasheet
126Kb / 1P
   3.3V & 5V VCXO - Complementary PECL
GVXO-54 GOLLEDGE-GVXO-54_16 Datasheet
183Kb / 2P
   3.3V VCXO Complementary LV-PECL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com