Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDX1204 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3HDX1204
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDX1204 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3HDX1204 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDX1204 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDX1204 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDX1204 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDX1204 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDX1204 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDX1204 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDX1204 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDX1204 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
7
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Functional Description
Squelch Mode:
Output Disable (Squelch) Mode uses TMDS Clock channel signal detection. When low voltage levels on the TMDS input clock
signals are detected, Squelch state enables and TMDS output port signals shall disable; when the TMDS clock input signal levels
are above a pre-determined threshold voltage, output ports shall return to the normal voltage swing levels.
When enable Squelch mode, input termination resistor will be enabled together. When Squelch is disabled through I2C register
programming RX_SET[1]="1" and no TMDS input signal condition, TMDS D[0:2]P/N will be undetermined status. In Squelch
state, TMDS output is high impedance state or TMDS output port shall 50 Ohm pull-up at source termination output.
Function Control Table
OE
MS
DR
SEL1
HDMI Outputs
0
x
x
x
All Port Disable
Pin Cotrol Mode
1
0
1
x
All Ports Enable
1
0
0
0
Enable Port 1
1
0
0
1
Enable Port 2
I2C Control Mode
1
1
x
x
I2C Programming Mode
14-0020


Similar Part No. - PI3HDX1204

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3HDX1204B1 DIODES-PI3HDX1204B1 Datasheet
3Mb / 51P
   Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PI3HDX1204E DIODES-PI3HDX1204E Datasheet
3Mb / 51P
   Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
More results

Similar Description - PI3HDX1204

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
logo
Semtech Corporation
GS2986 SEMTECH-GS2986 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2965 SEMTECH-GS2965 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Integrated Device Techn...
854S712 IDT-854S712 Datasheet
457Kb / 17P
   1:2 Fanout Buffer with Pre-Emphasis
logo
Renesas Technology Corp
854S712 RENESAS-854S712 Datasheet
765Kb / 18P
   1:2 Fanout Buffer with Pre-Emphasis
October 10, 2017
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com