Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI301FFE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3HDMI301FFE
Description  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI301FFE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI301FFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI301FFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI301FFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI301FFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI301FFE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI301FFE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI301FFE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI301FFE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI301FFE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Storage Temperature .................................................... –65°C to +150°C
Supply Voltage to Ground Potential................................–0.5V to +4.0V
DC Input Voltage ...............................................................–0.5V to VDD
DC Output Current....................................................................... 120mA
Power Dissipation ........................................................................... 1.0W
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to ab-
solute maximum rating conditions for extended periods may
affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Supply Voltage
3.135
3.3
3.465
V
TA
Operating free-air temperature
0
70
°C
TMDS Differential PinS
VID
Receiver peak-to-peak differential input voltage
150
1560
mVp-p
VIC
Input common mode voltage
2
VDD + 0.01
V
VDD
TMDS output termination voltage
3.135
3.3
3.465
V
RT
Termination resistance
45
50
55
ohm
Signaling rate
0.25
2.5
Gbps
Control Pins (OC_Sx, EQ_Sx, Sx, OE)
VIH
LVTTL High-level input voltage
2
VDD
V
VIL
LVTTL Low-level input voltage
GND
0.8
DDC Pins (SCLx, SCL_SINK, SDAx, SDA_SINK)
VI(DDC)
Input voltage
GND
5.5
V
Status Pins (HPD_SINK)
VIH
LVTTL High-level input voltage
2
5.3
V
VIL
LVTTL Low-level input voltage
GND
0.8
09-0054


Similar Part No. - PI3HDMI301FFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI336 PERICOM-PI3HDMI336 Datasheet
2Mb / 22P
   3:1 ActiveEye HDMI Switch with I2C Control & ARC Transmitter
PI3HDMI336 PERICOM-PI3HDMI336 Datasheet
1Mb / 20P
   HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PI3HDMI336FBE PERICOM-PI3HDMI336FBE Datasheet
2Mb / 22P
   3:1 ActiveEye HDMI Switch with I2C Control & ARC Transmitter
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ARFFE PERICOM-PI3HDMI341ARFFE Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
More results

Similar Description - PI3HDMI301FFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI431AR PERICOM-PI3HDMI431AR Datasheet
403Kb / 11P
   3:1 Active HDMITM Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
   1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
PI3HDMI412AD PERICOM-PI3HDMI412AD Datasheet
660Kb / 10P
   1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Pericom Semiconductor C...
PI3HDMI101-B PERICOM-PI3HDMI101-B Datasheet
940Kb / 16P
   1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com