Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43LD16320A Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS43LD16320A
Description  Four-bit Pre-fetch DDR Architecture
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16320A Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS43LD16320A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LD16320A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LD16320A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LD16320A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LD16320A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LD16320A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LD16320A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LD16320A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LD16320A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 143 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. 00C
8/11/2014
Copyright © 2014 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no
liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on
any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be ex-
pected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon
Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS43/46LD16320A
IS43/46LD32160A
desCRiption
The IS43/46LD16320A/32160A is 512Mbit CMOS
LPDDR2 DRAM. The device is organized as 4 banks
of 8Meg words of 16bits or 4Meg words of 32bits.
This product uses a double-data-rate architecture to
achieve high-speed operation. The double data rate
architecture is essentially a 4N prefetch architecture
with an interface designed to transfer two data words
per clock cycle at the I/O pins. This product offers fully
synchronous operations referenced to both rising and
falling edges of the clock. The data paths are internally
pipelined and 4n bits prefetched to achieve very high
bandwidth.
512Mb (x16, x32) Mobile LpddR2 s4 sdRAM
AdVAnCed inFoRMAtion
AUGUst 2014
FeAtURes
• Low-voltage Core and I/O Power Supplies
VDD2 = 1.14-1.30V, VDDCA/VDDQ = 1.14-1.30V,
VDD1 = 1.70-1.95V
• High Speed Un-terminated Logic(HSUL_12) I/O
Interface
• Clock Frequency Range : 10MHz to 533MHz
(data rate range : 20Mbps to 1066Mbps per I/O)
• Four-bit Pre-fetch DDR Architecture
• Multiplexed, double data rate, command/ad-
dress inputs
• Four internal banks for concurrent operation
• Bidirectional/differential data strobe per byte of
data (DQS/DQS#)
• Programmable Read/Write latencies(RL/WL)
and burst lengths(4,8 or 16)
• ZQ Calibration
• On-chip temperature sensor to control self re-
fresh rate
• Partial –array self refresh(PASR)
• Deep power-down mode(DPD)
• Operation Temperature
Commercial (TC = 0°C to 85°C)
Industrial (TC = -40°C to 85°C)
Automotive, A1 (TC = -40°C to 85°C)
Automotive, A2 (TC = -40°C to 105°C)
options
• Configuration:
− 32Mx16 (8M x 16 x 4 banks)
− 16Mx32 (4M x 32 x 4 banks)
Package:
− 134-ball BGA for x16 / x32
− 168-ball PoP BGA for x32
keY tiMinG pARAMeteRs
AddRess tABLe
Speed
Grade
Data
Rate
(Mb/s)
Write
Latency
Read
Latency
tRCD/
tRP
-18
1066
4
8
Typical
-25
800
3
6
Typical
-3
667
2
5
Typical
Parameter
16Mx32
32Mx16
Row Addresses
R0-R12
R0-R12
Column Addresses
C0-C8
C0-C9
Bank Addresses
BA0-BA1
BA0-BA1
Refresh Count
4096
4096
Note: Other clock frequencies/data rates supported; please
refer to AC timing tables.


Similar Part No. - IS43LD16320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16160A ISSI-IS43LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
IS43LD16640A ISSI-IS43LD16640A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
More results

Similar Description - IS43LD16320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16640A ISSI-IS43LD16640A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
Cypress Semiconductor
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1521KV18 CYPRESS-CY7C1521KV18 Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18_1106 CYPRESS-CY7C1317KV18_1106 Datasheet
779Kb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture 333-MHz clock for high bandwidth
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
AS4DDR232M72APBG MICROSS-AS4DDR232M72APBG Datasheet
1Mb / 28P
   4-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com