Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8350 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN8350
Description  MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8350 Datasheet(HTML) 1 Page - Mallory performance club

  PN8350 Datasheet HTML 1Page - Mallory performance club PN8350 Datasheet HTML 2Page - Mallory performance club PN8350 Datasheet HTML 3Page - Mallory performance club PN8350 Datasheet HTML 4Page - Mallory performance club PN8350 Datasheet HTML 5Page - Mallory performance club PN8350 Datasheet HTML 6Page - Mallory performance club PN8350 Datasheet HTML 7Page - Mallory performance club PN8350 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSD Pro-Billet Small Diameter
Ready-to-Run Ford V8 Distributor
PN 8350; 351C-460, PN 8354; 351W
PN 8352; 289/302
Important: Read these instructions before attempting the installation.
Parts Included:
1 - Pro-Billet Distributor
1 - Rotor, PN 8467
1 - Distributor Cap, PN 8431
1 - Advance Kit
Note: The terminals of the Ready-to-Run Ford Distributors require spark plug style terminals. You may
need to change the terminals and boots of your wires. MSD offers two kits, PN 8849 or PN 8848 that
are supplied with nine boots and terminals.
TIMING FUNCTIONS
Before continuing with the installation, here are a few definitions you should be aware of:
Initial Timing: This is the base timing (also referred to as idle timing) of the engine before the
centrifugal advance begins.
Centrifugal Advance: The centrifugal (or mechanical) advance mechanism is made up of weights,
springs, advance cams, and an advance stop bushing. The amount and rate of advance that your
distributor is capable of is determined by the centrifugal timing. If you ever wish to lock out the
centrifugal advance, refer to the centrifugal advance section.
Total Timing: This is the total of the initial timing plus the centrifugal advance added together. Example:
10° Initial + 25° centrifugal = 35° Total Timing. (When checking Total timing, disconnect and cap
the vacuum canister and plug the vacuum line.)
Vacuum Advance: The vacuum advance will advance the timing up to approximately 12° during
partial throttle driving (with 15 lbs of vacuum). The vacuum line should be routed to a ported vacuum
outlet above the throttle plates.
Note: MSD Distributors are supplied with the heavy (slow) advance springs and the 21° stop bushing
installed. This is to prevent detonation in certain applications. Review the information on pages
2-3 to determine the best advance curve for your application.
RPM LIMIT AND TACHOMETER INFORMATION
Tach Signal: The Ready-to-Run Distributor features a Gray Tach Output wire which provides a clean signal
for most tachometers and even some aftermarket fuel injection systems. The signal output
is a 12 volt square wave, 20° duty cycle. This wire is also responsible for programming the
built-in rev limiter.
1 - O-ring Seal
1 - Vacuum Advance Lock-Out Kit
1 - Tube of Gear Lubricant
1 - Wiring Harness
1 - Gray Tach Jumper
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - PN8350

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8350 MALLORY-PN8350 Datasheet
632Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN83501 MALLORY-PN83501 Datasheet
632Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN83503 MALLORY-PN83503 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN83506 MALLORY-PN83506 Datasheet
309Kb / 8P
   MSD Ready-to-Run Marine V8 Distributor
More results

Similar Description - PN8350

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN83501 MALLORY-PN83501 Datasheet
632Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN83503 MALLORY-PN83503 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
83503 MALLORY-83503 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN8352 MALLORY-PN8352 Datasheet
632Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN83523 MALLORY-PN83523 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
83523 MALLORY-83523 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN83541 MALLORY-PN83541 Datasheet
632Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
85793 MALLORY-85793 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
PN8577 MALLORY-PN8577 Datasheet
394Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
85783 MALLORY-85783 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com