Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSC-A2-D1 Datasheet(PDF) 8 Page - Hirose Electric

Part # HSC-A2-D1
Description  SC Type Fiber Optic Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-A2-D1 Datasheet(HTML) 8 Page - Hirose Electric

  HSC-A2-D1 Datasheet HTML 1Page - Hirose Electric HSC-A2-D1 Datasheet HTML 2Page - Hirose Electric HSC-A2-D1 Datasheet HTML 3Page - Hirose Electric HSC-A2-D1 Datasheet HTML 4Page - Hirose Electric HSC-A2-D1 Datasheet HTML 5Page - Hirose Electric HSC-A2-D1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
32
sAdapters - Panel Mounting
qSC adapters
SC/SC Die Cast Metal Housing
SC/SC Plastic Housing
qSC2 adapters
SC/SC2 4-way adapter
CL No.
704-0092-1-51
704-0217-5-02
704-3007-9-06
Part Number
HSC-A3(51)
HSC-A3-D1(02)
HSC-A3-D2(06)
Split sleeve
Copper alloy
Zirconia
Zirconia
Remarks
PC,AdPC(Blue)
APC(Green)
BPanel cutout
BPanel cutout
BPanel cutout
CL No.
704-0020-0-51
704-0258-2-01
Part Number
HSC-A2(51)
HSC-A2-D1(01)
Split sleeve
Copper alloy
Zirconia
9.5
Ø2.3
9.4
27.4
1.8
3
Ø2.3
9.4
27.4
1.8
3
28.2
24
1.8
or 2-Ø2.4
2-M2
∞0.4
0.5
0.5
9.5 0.5
0.5
13
+0.5
0.5
+0.2
0.5
or 2-Ø2.4
2-M2
∞0.4
+0.2
0.5
Panel thickness: 1.6mm
Panel thickness: 1.6mm
Panel thickness: 1.6mm
3
SC/SC2 5-way adapter (for Multi-mode fiber)
BPanel cutout
Panel thickness: 1.6mm
35
1.8
24
13
+0.5
+0.5
3
CL No.
704-0024-1-51
704-0290-5-01
Part Number
HSC2-4A(51)
HSC2-4A-D1(01)
Split sleeve
Copper alloy
Zirconia
CL No.
704-0025-4-51
Part Number
HSC2-5A(51)
Split sleeve
Copper alloy


Similar Part No. - HSC-A2-D1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC-A2-D1 HIROSE-HSC-A2-D1 Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
More results

Similar Description - HSC-A2-D1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
Hirose Electric
HMUA-2P2-H1 HIROSE-HMUA-2P2-H1 Datasheet
818Kb / 8P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
logo
PANDUIT CORP.
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
   SC Mini-Com짰 Fiber Optic Adapter Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com