Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-201SC Datasheet(PDF) 1 Page - Hirose Electric

Part # MC-201SC
Description  Coil Components (SMD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MC-201SC Datasheet(HTML) 1 Page - Hirose Electric

  MC-201SC Datasheet HTML 1Page - Hirose Electric MC-201SC Datasheet HTML 2Page - Hirose Electric MC-201SC Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
46
Coil Components (SMD)
MC-200SC and MC-200SD Series
sMaterials
sExternal Dimensions
sOrdering Information
Part
Material
Finish
Board
Glass epoxy
Solder plating
Cover
PPS
-----------
MC - 2 0 1 S C
Series Name: MC
Number of Divisions
Indicated by number of divisions of output.
Phase Difference
Indicated by phase difference of output.
0 : 0°
1 : 90°
Suffix
Board Mounting Method
S : SMT type
Characteristic Impedance
C : 75 ohms
D : 50 ohms
sFeatures
1.Excellent High Frequency Characteristics
Insertion loss: 0.6 dB TYP.
Phase balance: ±3deg TYP.
2.Highly Reliable Design
PPS resin is used for the exterior cladding of the
cover, glass epoxy substrate is used for the board
material, and solder plating is used for the electrodes.
All these factors contribute to excellent mechanical
strength, heat resistance, and soldering qualities
3.Suited to Automatic Mounting
Embossed tape packaging permits automatic mounting.
(Individual delivery can also be accommodated.)
Item
Conditions
Standard
sProduct Specifications
Ratings
-10
ç to +65ç
95% Max.
Operating temperature range
Operating relative humidity
30 to 370 MHz
50 ohms, 75 ohms
0.5 W
Frequency range (Note)
Characteristic impedance (Note)
Maximum Input Power
1.Vibration
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 4 hours in each of 3 directions
No damage, cracks, or parts dislocation
2.Shock
Acceleration of 294 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis
3.Temperature cycle
(-60 to 55
ç: 30 min. ¡ 20 to 35ç: 15 min.
¡ 125 to 128ç: 30 min. ¡ 20 to 35ç: 15 min.)
for 100 cycles
4.Corrosion resistance
Exposed to 5% salt water solution for 48 hours
No serious corrosion
qThe test method conforms to MIL-STD-202.
Note: The frequency range and the characteristic impedance will differ depending on the products.
qThe contact numbers
are common for both the
0° type and the 90° type.
MC-201SC
MC-212SC
MC-217SC
MC-218SC
MC-201SD
MC-211SD
MC-212SD
MC-213SD
1
2
3
4
5
6
1
2
3
4
5
6
input


Similar Part No. - MC-201SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MC-201R HIROSE-MC-201R Datasheet
128Kb / 4P
   Coil Components (Relay Headers)
MC-201RC HIROSE-MC-201RC Datasheet
128Kb / 4P
   Coil Components (Relay Headers)
More results

Similar Description - MC-201SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MC-201RC HIROSE-MC-201RC Datasheet
128Kb / 4P
   Coil Components (Relay Headers)
logo
PREMO CORPORATION S.L
TP0702U PREMO-TP0702U_14 Datasheet
62Kb / 1P
   SMD Transponder Coil
logo
TDK Electronics
HF201209 TDK-HF201209 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC453215-T TDK-HF70ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC322513-T TDK-HF70ACC322513-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
ACB2012M-080-T TDK-ACB2012M-080-T Datasheet
86Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
logo
Frontier Electronics.
292AR FRONTIER-292AR Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
logo
Superworld Electronics
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
   SMD Power Choke Coil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com