Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19K-30P-1SD Datasheet(PDF) 11 Page - Hirose Electric

Part # DF19K-30P-1SD
Description  1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19K-30P-1SD Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF19K-30P-1SD Datasheet HTML 2Page - Hirose Electric DF19K-30P-1SD Datasheet HTML 3Page - Hirose Electric DF19K-30P-1SD Datasheet HTML 4Page - Hirose Electric DF19K-30P-1SD Datasheet HTML 5Page - Hirose Electric DF19K-30P-1SD Datasheet HTML 6Page - Hirose Electric DF19K-30P-1SD Datasheet HTML 7Page - Hirose Electric DF19K-30P-1SD Datasheet HTML 8Page - Hirose Electric DF19K-30P-1SD Datasheet HTML 9Page - Hirose Electric DF19K-30P-1SD Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 10 page
background image
11
B
Soldering Temperature Profile
1. Recommended temperature profile
2. Recommended manual soldering conditions
3. Recommended screen thickness
4. Warpage of board
5. Cleaning
6. Wiring
7. Precautions
Soldering iron temperature 290 ±10ç, soldering time 3 seconds or less
0.15mm
Max. 0.03mm at the connector center with the connector ends as the reference.
See the separate “Guide to Hirose Nylon connectors.”
See the separate “Guide to Hirose Nylon connectors.”
s As crimp terminals are extremely small, crimping must be performed with care: observe
the directions in the “Crimping Condition Sheet” and “Crimping Standard Sheet.”
s Due to the ultra miniature design care needs to be taken when disconnecting to avoid
accidental damage.
(Note 1) The temperature profile can be applied twice with the normal temperature profile.
(Note 2) The temperature is measured at the connector lead.


Similar Part No. - DF19K-30P-1SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19K-30P-1SD HIROSE-DF19K-30P-1SD Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19K-30P-1SDGND HIROSE-DF19K-30P-1SDGND Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
More results

Similar Description - DF19K-30P-1SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Samtec, Inc
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
   (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com