Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29467 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 29467
Description  22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

29467 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  29467 Datasheet HTML 1Page - List of Unclassifed Manufacturers 29467 Datasheet HTML 2Page - List of Unclassifed Manufacturers 29467 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8723 Paired - Shielded Twisted Pair Cable
For more information please
call
1-800-Belden1
See Put-ups and Colors
Related Documents : No. 1.pdf
Description:
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation, twisted pairs, individually Beldfoil® shielded (100%
coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Pairs
2
Total Number of Conductors
4
AWG
22
Stranding
7x30
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
PP - Polypropylene
Lay Length
1.5 in.
Twists/ft.
8
Pair Color Code Chart :
Number
Color
1
Red & Black
Number
Color
2
Green & White
INNER SHIELD:
Inner Shield Material Trade Name
Beldfoil® (Z-Fold®)
Inner Shield Type
Tape
Inner Shield Material
Aluminum Foil-Polyester Tape
Inner Shield % Coverage
100 %
Inner Shield Drain Wire AWG
24
Inner Shield Drain Wire Stranding
7x32
Inner Shield Drain Wire Conductor Material
TC - Tinned Copper
OUTER SHIELD:
Outer Shield Material
Unshielded
OUTER JACKET:
Page 1 of 3


Similar Part No. - 29467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2946706 PHOENIX-2946706 Datasheet
72Kb / 3P
   Relay Module - EMG 37-RELS/K2
2946722 PHOENIX-2946722 Datasheet
72Kb / 3P
   Relay Module - EMG 37-RELS/K2-G 60
2946735 PHOENIX-2946735 Datasheet
70Kb / 3P
   Relay Module - EMG 37-RELS/K2-G110
logo
Festo Corporation.
2946758 FESTO-2946758 Datasheet
68Kb / 1P
   Axial kit
12/26/22
2946759 FESTO-2946759 Datasheet
70Kb / 1P
   Axial kit
1/10/23
More results

Similar Description - 29467

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1712701 ETC2-1712701 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9451SB ETC2-9451SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344972 ETC2-1344972 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
8723 ETC2-8723 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation,
8723SB ETC2-8723SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, twisted pairs, polypropylene insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1691983 ETC2-1691983 Datasheet
104Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com