Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSC-AT11CS-A13 Datasheet(PDF) 1 Page - Hirose Electric

Part # HSC-AT11CS-A13
Description  SC-Type Optical Fixed Attenuators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-AT11CS-A13 Datasheet(HTML) 1 Page - Hirose Electric

  HSC-AT11CS-A13 Datasheet HTML 1Page - Hirose Electric HSC-AT11CS-A13 Datasheet HTML 2Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SC-Type Optical Fixed Attenuators
HSC-AT11CS Series
NEW
2004.7
sFeatures
1. Low return loss, 60 dB min.*
2. Complies with Telcordia GR-910-CORE.
3. High input power (250 mW max.)
4. Variety of fixed attenuation levels.
1 to 16 dB (in 1 dB increments), 20, 25, and 30 dB
sApplications
Optical communication and data transfer
equipment requiring in-line fixed power level
adjustment.
Part Number
Fiber Type
HSC-AT11CS-A01
HSC-AT11CS-A02
HSC-AT11CS-A03
HSC-AT11CS-A04
HSC-AT11CS-A05
HSC-AT11CS-A06
HSC-AT11CS-A07
HSC-AT11CS-A08
HSC-AT11CS-A09
HSC-AT11CS-A10
HSC-AT11CS-A11
HSC-AT11CS-A12
HSC-AT11CS-A13
HSC-AT11CS-A14
HSC-AT11CS-A15
HSC-AT11CS-A16
HSC-AT11CS-A20
HSC-AT11CS-A25
HSC-AT11CS-A30
SM
Split Sleeve
Zirconia
Wavelength
1310nm
1550nm
Return Loss
≥60dB
Attenuation Tolerance
+0.8dB
±0.8dB
±0.8dB
±0.8dB
±0.8dB
±0.8dB
±0.8dB
±0.8dB
±0.9dB
±1.0dB
±1.1dB
±1.2dB
±1.3dB
±1.4dB
±1.5dB
±1.5dB
±1.5dB
±1.5dB
±2.5dB
Attenuation
1dB
2dB
3dB
4dB
5dB
6dB
7dB
8dB
9dB
10dB
11dB
12dB
13dB
14dB
15dB
16dB
20dB
25dB
30dB
CL No.
820-9001-2
820-9002-5
820-9003-8
820-9004-0
820-9005-3
820-9006-6
820-9007-9
820-9008-1
820-9009-4
820-9010-3
820-9011-6
820-9012-9
820-9013-1
820-9014-4
820-9015-7
820-9016-0
820-9017-2
820-9018-5
820-9019-8
Series name: HSC
Attenuator
Specification series
sOrdering Information
--
-
-
- *
**
*
A
CS
11
AT
HSC
1
2
3
4
5
6
Polishing code
CS: APC (>=60dB)
Optical fiber type A: Single Mode
In-line mating with a standard A: 01, 02, 03, 04, 05, 06, 07, 08, 09,
SC connectors
A: 10, 11, 12, 13, 14, 15, 16, 20, 25, 30
1
2
3
4
5
6


Similar Part No. - HSC-AT11CS-A13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC-AT11CS-A13 HIROSE-HSC-AT11CS-A13 Datasheet
121Kb / 5P
   SC Type Fixed Attenuators (for single mode)
More results

Similar Description - HSC-AT11CS-A13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC-AT11K-A00 HIROSE-HSC-AT11K-A00 Datasheet
226Kb / 5P
   SC Type Fixed Attenuators
HSC-AT5 HIROSE-HSC-AT5 Datasheet
86Kb / 2P
   SC Type Fixed Attenuators(for multimode)
HMU-PJAT1K-A00R1 HIROSE-HMU-PJAT1K-A00R1 Datasheet
113Kb / 3P
   MU-PJ Type Optical Fixed Attenuators
HSC-AT11 HIROSE-HSC-AT11 Datasheet
121Kb / 5P
   SC Type Fixed Attenuators (for single mode)
AT-103 HIROSE-AT-103 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
HRFC-AT11K-A01 HIROSE-HRFC-AT11K-A01 Datasheet
77Kb / 3P
   FC Type Fixed Attenuators
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
   Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com