Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMUA-16SR-B5 Datasheet(PDF) 4 Page - Hirose Electric

Part # HMUA-16SR-B5
Description  MU Type Fiber Optic Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HMUA-16SR-B5 Datasheet(HTML) 4 Page - Hirose Electric

  HMUA-16SR-B5 Datasheet HTML 1Page - Hirose Electric HMUA-16SR-B5 Datasheet HTML 2Page - Hirose Electric HMUA-16SR-B5 Datasheet HTML 3Page - Hirose Electric HMUA-16SR-B5 Datasheet HTML 4Page - Hirose Electric HMUA-16SR-B5 Datasheet HTML 5Page - Hirose Electric HMUA-16SR-B5 Datasheet HTML 6Page - Hirose Electric HMUA-16SR-B5 Datasheet HTML 7Page - Hirose Electric HMUA-16SR-B5 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
sPlug Housings
qSimplex Plug Housing for 2mm cable
qSimplex Plug Housing for 0.9mm fiber
Part Number
CL No.
Boot color
HMUA-P2-H1(07)
710-0047-9-07
Blue
HMUA-P2-H2(07)
710-0001-8-07
Light purple
48.5
23.6
3.95
4.35
Part Number
CL No.
Boot color
HMUA-P0.9-H1(01)
710-0158-0-01
Blue
HMUA-P0.9-H2(01)
710-0159-2-01
Light purple
23.6
28
3.95
4.35
qDuplex Plug Housing for 2mm cable
Part Number
CL No.
Boot color
HMUA-2P2-H1(07)
710-0048-1-07
Blue
HMUA-2P2-H2(07)
710-0002-0-07
Light purple
48.5
23.6
4.5
8.45
8.85
qDuplex Plug Housing for 0.9mm fiber
Part Number
CL No.
Boot color
HMUA-2P0.9-H1(01)
710-0162-7-01
Blue
HMUA-2P0.9-H2(01)
710-0163-0-01
Light purple
Part Number
CL No.
Boot color
HMUA-P1.1-H2
710-0133-9
Light purple
23.6
28
4.5
8.45
8.85
8
Note: Ferrules, HMUA-F3A2-A12*(10) should be needed for this plug. (see page 9) Certain assemble
tools are also needed. Please contact sales representative for the details.
qSimplex Plug Housing for 1.1mm Cable
54
23.7
4.35
3.95


Similar Part No. - HMUA-16SR-B5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMUA-TM-P2 HIROSE-HMUA-TM-P2 Datasheet
154Kb / 4P
   Optical Terminators
More results

Similar Description - HMUA-16SR-B5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
SOURIAU-SUNBANK Connect...
ARINC801 SOURIAU-ARINC801 Datasheet
2Mb / 6P
   ARINC 801 Fiber Optic Connectors
logo
Hirose Electric
MF14B-WRF01-0200 HIROSE-MF14B-WRF01-0200 Datasheet
356Kb / 9P
   Harsh Environment Fiber Optic Connectors
logo
ITT Industries
FOMC ITT-FOMC Datasheet
354Kb / 5P
   Fiber Optic Multi-Channel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com