Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19G-30S-1SD Datasheet(PDF) 5 Page - Hirose Electric

Part # DF19G-30S-1SD
Description  1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19G-30S-1SD Datasheet(HTML) 5 Page - Hirose Electric

  DF19G-30S-1SD Datasheet HTML 1Page - Hirose Electric DF19G-30S-1SD Datasheet HTML 2Page - Hirose Electric DF19G-30S-1SD Datasheet HTML 3Page - Hirose Electric DF19G-30S-1SD Datasheet HTML 4Page - Hirose Electric DF19G-30S-1SD Datasheet HTML 5Page - Hirose Electric DF19G-30S-1SD Datasheet HTML 6Page - Hirose Electric DF19G-30S-1SD Datasheet HTML 7Page - Hirose Electric DF19G-30S-1SD Datasheet HTML 8Page - Hirose Electric DF19G-30S-1SD Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Specification No.
* *, (* *)
(59): Gold plating
sRight Angle Pin Header (SMT)
(Offset Type)
B
Recommended PCB Layout
Unit: mm
HRS No.
Product No.
Number of poles
A
B
C
D
E
Width of emboss
Remarks
CL685-0008-1-* *
CL685-0032-6-* *
DF19K-20P-1H (* *)
DF19K-30P-1H (* *)
20
30
23.55
33.55
19
29
26.55
36.55
24.15
34.15
25.15
35.15
44
56
1.0 mm from the
board
HRS No.
Product No.
Number of poles
A
B
C
D
E
Width of emboss
Remarks
CL685-0003-8-* *
CL685-0019-8-* *
CL685-0016-0-* *
DF19L-14P-1H (* *)
DF19L-20P-1H (* *)
DF19L-30P-1H (* *)
14
20
30
17.55
23.55
33.55
13
19
29
20.55
26.55
36.55
18.15
24.15
34.15
19.15
25.15
35.15
44
44
56
1.1 mm from the
board
Note1: Specify the number of reels to order tape and reel packaging (1 000 pieces per reel).
Assembled Header


Similar Part No. - DF19G-30S-1SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19G-30S-1SD HIROSE-DF19G-30S-1SD Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19G-30S-1SDGND HIROSE-DF19G-30S-1SDGND Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
More results

Similar Description - DF19G-30S-1SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Samtec, Inc
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
   (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com