Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUA-16A-2 Datasheet(PDF) 8 Page - Hirose Electric

Part # MUA-16A-2
Description  MU Type Fiber Optic Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MUA-16A-2 Datasheet(HTML) 8 Page - Hirose Electric

  MUA-16A-2 Datasheet HTML 1Page - Hirose Electric MUA-16A-2 Datasheet HTML 2Page - Hirose Electric MUA-16A-2 Datasheet HTML 3Page - Hirose Electric MUA-16A-2 Datasheet HTML 4Page - Hirose Electric MUA-16A-2 Datasheet HTML 5Page - Hirose Electric MUA-16A-2 Datasheet HTML 6Page - Hirose Electric MUA-16A-2 Datasheet HTML 7Page - Hirose Electric MUA-16A-2 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
12
q8-Position Adapter / Snap-in Panel Mounting
5 4.5
42
12
JAPAN
MU-8A
42.3+0.2
0
q8-Position Adapter / Screw Panel Mounting
5
42
25
4.5
2-Ø2.4
JAPAN
MU-8AS
2-Ø2.4+0.2
0
or 2-M2∞0.4
42.3+0.2
0
25±0.2
q8-Position Adapter / Board Mounting
5 4.5
9
40.6
42
JAPAN
4-Ø2.4±0.1
40.6±0.1
BPanel Cutout
BBoard Mounting Pattern
BPanel Cutout
Part Number
CL No.
Split sleeve
HMUA-8A-3
710-0174-6
Zirconia
Part Number
CL No.
Split sleeve
HMUA-8AS-3
710-0175-9
Zirconia
Part Number
CL No.
Split sleeve
HMUA-8AH-3
710-0176-1
Zirconia
Panel thickness:1.6mm
Board thickness: 1.6mm


Similar Part No. - MUA-16A-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MUA08A NSC-MUA08A Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
MUA08A NSC-MUA08A Datasheet
468Kb / 15P
   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
MUA08A NSC-MUA08A Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Bothhand USA, LP.
MUA15 BOTHHAND-MUA15 Datasheet
1,002Kb / 7P
   Isolated DC-DC Converters
MUA15-12D3 BOTHHAND-MUA15-12D3 Datasheet
1,002Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - MUA-16A-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
SOURIAU-SUNBANK Connect...
ARINC801 SOURIAU-ARINC801 Datasheet
2Mb / 6P
   ARINC 801 Fiber Optic Connectors
logo
Hirose Electric
MF14B-WRF01-0200 HIROSE-MF14B-WRF01-0200 Datasheet
356Kb / 9P
   Harsh Environment Fiber Optic Connectors
logo
ITT Industries
FOMC ITT-FOMC Datasheet
354Kb / 5P
   Fiber Optic Multi-Channel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com