Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN6632 Datasheet(PDF) 2 Page - Mallory performance club

Part # PN6632
Description  MSD 6-HVC Professional Racing Ignition with Rev Limiter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN6632 Datasheet(HTML) 2 Page - Mallory performance club

  PN6632 Datasheet HTML 1Page - Mallory performance club PN6632 Datasheet HTML 2Page - Mallory performance club PN6632 Datasheet HTML 3Page - Mallory performance club PN6632 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
POINTS/
AMPLIFIER
DISTRIBUTOR
WHITE
IGNITION
DISABLE
NO SWITCH
OR SWITCH PN 8812
TO GROUND (-) HEAVY BLACK
TO BATTERY (+) HEAVY RED
ORANGE/BLACK(+)
(-) VIOLET/BLACK
GREEN (M-)
VIOLET (M+)
OR
MAGNETIC
PICKUP
DISTRIBUTOR
YELLOW
BLACK
BLACK
ORANGE
TACHOMETER
BROWN
RED
12V IGNITION SWITCH
+
PN 8250
GROUND
YELLOW
BLACK
Inset A
See
Inset A
RP
M
MO
DU
LE
SPDT SWITCH
PN 8807
TO 12 VOLTS
WHITE
NOT USED
MAGNETIC
PICKUP
DISTRIBUTOR
BLACK
ORANGE
TACHOMETER
RED
PN 8250
GROUND
WHITE
NOT USED
BLACK
ORANGE
RED
PN 8250
GROUND
ORANGE/BLACK (+)
VIOLET/BLACK (-)
GREEN (M-)
VIOLET (M+)
* TO SWITCH TACH SIGNALS, MSD
OFFERS A TACH SPLITTER, PN 8911
HEAVY RED TO BATTERY (+)
HEAVY BLACK TO GROUND (-)
HEAVY RED TO BATTERY (+)
HEAVY BLACK TO GROUND (-)
IGNITION
DISABLE
NO SWITCH
OR
SWITCH
PN 8812
YELLOW
BLACK
TACH
SPLITTER
PN 8911
BROWN
Inset A
See
Inset A
See
Inset A
RP
M
MO
DU
LE
ORANGE/BLACK (+)
VIOLET/BLACK (-)
GREEN (M-)
VIOLET (M+)
Figure 2 General Installation.
Figure 3 Dual Ignitions and Coils with a Dual Pickup Distributor.
Note: The MSD Alternate Action
Switch is designed to be used
in conjunction with NASCAR's
amendment rule regarding an
auxiliary ignition On/Off button,
20-6.6. The MSD Switch can
be used in either a Normally
Opened or Normally Closed
position.


Similar Part No. - PN6632

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6631 MALLORY-PN6631 Datasheet
444Kb / 4P
   MSD 6-HVC Professional Racing Ignition with Rev Limiter
More results

Similar Description - PN6632

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6631 MALLORY-PN6631 Datasheet
444Kb / 4P
   MSD 6-HVC Professional Racing Ignition with Rev Limiter
8250 MALLORY-8250 Datasheet
134Kb / 2P
   MSD HVC Coil
8252 MALLORY-8252 Datasheet
128Kb / 2P
   MSD Blaster HVC Coil
8261 MALLORY-8261 Datasheet
289Kb / 4P
   MSD HVC-2 Coil
8251 MALLORY-8251 Datasheet
199Kb / 2P
   MSD Pro-Power HVC Coil
6214 MALLORY-6214 Datasheet
532Kb / 16P
   Programmable Midget Racing Ignition Control
PN6214 MALLORY-PN6214 Datasheet
532Kb / 16P
   Programmable Midget Racing Ignition Control
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
   MSD Digital 6 Plus Ignition Control
8253 MALLORY-8253 Datasheet
210Kb / 4P
   MSD Blaster HVC-2 Coil
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com