Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19G-14S-1SD Datasheet(PDF) 9 Page - Hirose Electric

Part # DF19G-14S-1SD
Description  1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19G-14S-1SD Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF19G-14S-1SD Datasheet HTML 2Page - Hirose Electric DF19G-14S-1SD Datasheet HTML 3Page - Hirose Electric DF19G-14S-1SD Datasheet HTML 4Page - Hirose Electric DF19G-14S-1SD Datasheet HTML 5Page - Hirose Electric DF19G-14S-1SD Datasheet HTML 6Page - Hirose Electric DF19G-14S-1SD Datasheet HTML 7Page - Hirose Electric DF19G-14S-1SD Datasheet HTML 8Page - Hirose Electric DF19G-14S-1SD Datasheet HTML 9Page - Hirose Electric DF19G-14S-1SD Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
sSingle Row Socket (Fine Coaxial Cable) ... (Under development)
Assembled Coaxial Socket
Specification No. * *, (* *)
None: 1 pack (100 pieces)
qApplicable Wire (Fine Coaxial Cable) ... Planned
Applicable wire size (core wire composition) Sheath diameter
AWG#40(7strands/0.03mm)
Ø0.3 ~Ø0.4mm
Note1: The products will be sold in bulk packs (100 pieces per
pack). To order, specify the number of packs.
Product No.
Number of poles
HRS No.
DF19G-14S-1SD (* *)
DF19G-20S-1SD (* *)
14
20
-----------
-----------


Similar Part No. - DF19G-14S-1SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19G-14S-1SD HIROSE-DF19G-14S-1SD Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19G-14S-1SD(05) HIROSE-DF19G-14S-1SD(05) Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF19G-14S-1SD-GND HIROSE-DF19G-14S-1SD-GND Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF19G-14S-1SDGND HIROSE-DF19G-14S-1SDGND Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
More results

Similar Description - DF19G-14S-1SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Samtec, Inc
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
   (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com