Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR31-5.08PA-5SC Datasheet(PDF) 4 Page - Hirose Electric

Part No. HR31-5.08PA-5SC
Description  Interface Connectors for Factory Automation Network
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

HR31-5.08PA-5SC Datasheet(HTML) 4 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
s Receptacle (Right angle through hole type with screw lock)
HR31-5.08R-5PDL
Contact plating
35.5
12
7.5
10
12
45
3
Black
Green
Tin
Gold
Tin
Gold
With
Without
With
Without
131-0001-0-71
131-0001-0-72
131-0001-0-73
131-0001-0-74
131-0001-0-75
131-0001-0-76
4g
HR31-5.08R-5PDL(71)
HR31-5.08R-5PDL(72)
HR31-5.08R-5PDL(73)
HR31-5.08R-5PDL(74)
HR31-5.08R-5PDL(75)
HR31-5.08R-5PDL(76)
Part No.
CL No.
Weight
Color
Contact plating
Board retention pin
Receptacle (Right angle through hole type without screw lock)
HR31-5.08RA-5PDL
10.25
12
Contact plating
10
27.4
12
4
5
3
131-0008-9-71
131-0008-9-72
131-0008-9-73
131-0008-9-74
131-0008-9-75
131-0008-9-76
2g
HR31-5.08RA-5PDL(71)
HR31-5.08RA-5PDL(72)
HR31-5.08RA-5PDL(73)
HR31-5.08RA-5PDL(74)
HR31-5.08RA-5PDL(75)
HR31-5.08RA-5PDL(76)
Part No.
CL No.
Weight
BPCB mounting pattern
q With screw lock
q Without screw lock
Black
Green
Tin
Gold
Tin
Gold
With
Without
With
Without
Color
Contact plating
Board retention pin
Note: Dia. 2.3 through hole is not required on the board when using connectors without the retention pin.
5-Ø1.6
+0.1 (Through
hole)
15.24±0.05
15.24±0.05
5.08±0.05
10.16±0.05
10.16±0.05
5.08±0.05
Connector mounting side
2-Ø2.3
+0.1
0
(Through
hole)
(Note)
(Board thickness =1.6)
0
2-
Ø2.3
+0.1
(Through
hole)
12.6±0.05 12.6±0.05
5.08±0.05
10.16±0.05
10.16±0.05
5.08±0.05
Connector mounting side
5-
Ø1.6
+0.1
0
(Through
hole)
(Note)
(Board thickness =1.6)
0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn