Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VS16100E-75BL Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS42VS16100E-75BL
Description  2048 refresh cycles every 32 ms
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS16100E-75BL Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS42VS16100E-75BL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
IS42VS16100E
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. 00E
01/21/2011
ACCHARACTERISTICS(1,2,3,6)
-7.5
-10
Symbol Parameter
Min.Max.
Min.Max.
Units
tck3
ClockCycleTime
CAS
Latency=3
7.5—
10—
ns
tck2
CAS
Latency=2
10—
12—
ns
tac3
AccessTimeFromCLK(4)
CAS
Latency=3
—6
—7
ns
tac2
CAS
Latency=2
—8
—8
ns
tchi
CLKHIGHLevelWidth
2.5—
3—
ns
tcl
CLKLOWLevelWidth
2.5—
3—
ns
tOh3
OutputDataHoldTime
CAS
Latency=3
2—
2—
ns
tOh2
CAS
Latency=2
2—
2—
ns
tlz
OutputLOWImpedanceTime
0—
0—
ns
thz3
OutputHIGHImpedanceTime(5)
CAS
Latency=3
—6
—7
ns
thz2
CAS
Latency=2
—8
—8
ns
tDs
InputDataSetupTime
2—
2—
ns
tDh
InputDataHoldTime
1—
1—
ns
tas
AddressSetupTime
2—
2—
ns
tah
AddressHoldTime
1—
1—
ns
tcks
CKESetupTime
2—
2.5—
ns
tckh
CKEHoldTime
1—
1—
ns
tcka
CKEtoCLKRecoveryDelayTime
1CLK+3 —
1CLK+3 —
ns
tcs
CommandSetupTime(CS,RAS,CAS,WE,DQM)
2—
2—
ns
tch
CommandHoldTime(CS,RAS,CAS,WE,DQM)
1—
1—
ns
trc
CommandPeriod(REFtoREF/ACTtoACT)
75—
100—
ns
tras
CommandPeriod(ACTtoPRE)
45 100,000
60 100,000
ns
trp
CommandPeriod(PREtoACT)
22.5—
30—
ns
trcD
ActiveCommandToRead/WriteCommandDelayTime
22.5—
30—
ns
trrD
CommandPeriod(ACT[0]toACT[1])
15—
20—
ns
tDpl3
InputDataToPrecharge
CAS
Latency=3
2CLK —
2CLK—
ns
CommandDelaytime
tDpl2
CAS
Latency=2
2CLK —
2CLK—
ns
tDal3
InputDataToActive/Refresh
CAS
Latency=3
2CLK+trp
2CLK+trp
ns
CommandDelaytime(DuringAuto-Precharge)
tDal2
CAS
Latency=2
2CLK+trp
2CLK+trp
ns
tt
TransitionTime
0.55
0.55
ns
tref
RefreshCycleTime(2048)
—32
—32
ms
Notes:
1.Thepower-onsequencemustbeexecutedbeforestartingmemoryoperation.
2.measuredwithtt =0.5ns.
3.Thereferencelevelis0.9Vwhenmeasuringinputsignaltiming.RiseandfalltimesaremeasuredbetweenVih (min.)andVil (max.).
4.Accesstimeismeasuredat0.9Vwiththeloadshowninthefigurebelow.
5.Thetimethz (max.)isdefinedasthetimerequiredfortheoutputvoltagetobecomehighimpedance.
6.Notallparametersaretestedatthewaferlevel,buttheparametershavebeenpreviouslycharacterized.


Similar Part No. - IS42VS16100E-75BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10T ISSI-IS42VS16100C1-10T Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TI ISSI-IS42VS16100C1-10TI Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TL ISSI-IS42VS16100C1-10TL Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TLI ISSI-IS42VS16100C1-10TLI Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42VS16100E-75BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42R86400F ISSI-IS42R86400F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
logo
Agere Systems
TTSI2K32T AGERE-TTSI2K32T Datasheet
1Mb / 66P
   2048-Channel, 32-Highway Time-Slot Interchanger
logo
List of Unclassifed Man...
9605R1.7KL2.0 ETC2-9605R1.7KL2.0 Datasheet
203Kb / 1P
   1,000,000 Full Cycles; 5,000,000 Dither Cycles
751-008 ETC2-751-008 Datasheet
10Mb / 64P
   Every edding a specialist
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Alliance Semiconductor ...
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com