Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDH-12806CID Datasheet(PDF) 5 Page - Hirose Electric

Part # HDH-12806CID
Description  Couplers with Connectors (H Type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HDH-12806CID Datasheet(HTML) 5 Page - Hirose Electric

  HDH-12806CID Datasheet HTML 1Page - Hirose Electric HDH-12806CID Datasheet HTML 2Page - Hirose Electric HDH-12806CID Datasheet HTML 3Page - Hirose Electric HDH-12806CID Datasheet HTML 4Page - Hirose Electric HDH-12806CID Datasheet HTML 5Page - Hirose Electric HDH-12806CID Datasheet HTML 6Page - Hirose Electric HDH-12806CID Datasheet HTML 7Page - Hirose Electric HDH-12806CID Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
20
Couplers with Connectors (I Type)
HDH Series
sFeatures
1.High Performance
The high frequency characteristics feature.
Extremely high degree of matching, and high
isolation.
2.Miniature and Lightweight
Corrosion-resistant aluminum is used for the case
and the Hirose Electric original pattern design,
which uses a stripline triplate method, enables the
couplers to be miniature and lightweight.
3.Couplers with SMA Connectors
Use of SMA connectors (Hirose Electric HRM
Series) which feature stainless steel for the exterior
cladding make these couplers durable.
4.Full Coupling Variations
Full variations of coupling over 6 dB are available.
sProduct Specifications
Note: The frequency range and the maximum input power will differ depending on the products.
qThe test method conforms to MIL-STD-202.
sMaterials
Ratings
Frequency range (Note)
Characteristic impedance
Maximum Input Power (Note)
0.5 to 14.5 GHz
50 ohms
4 to 50 W
Operating temperature range
Operating relative humidity
-10ç to +65ç
95% Max.
Item
Standard
Conditions
1.Contact resistance 4 m ohms max.
1 A
2.Insulation resistance 1000 M ohms Max.
100 V DC
3.Vibration
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
4.Shock
Acceleration of 980 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature : -55ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
5.Temperature cycle No damage, cracks, or parts dislocation
Time : 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
200 cycles
Connector Body
Stainless steel
Passivated
Connector female contacts
Beryllium copper
Gold plating
Connector Insulator
PTFE
---------
Case
Aluminum
---------
Board
Dielectric
Gold plating
Part
Material
Finish
HDH-01510GID
HDH-02249AI
HDH-03020GID
HDH-12806CID
HDH-09010GID
HDH-06020GID
HDH-00810GID
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation


Similar Part No. - HDH-12806CID

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDH-12806CID HIROSE-HDH-12806CID Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
More results

Similar Description - HDH-12806CID

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDH HIROSE-HDH Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
logo
American Accurate Compo...
DCP1833-10 AAC-DCP1833-10 Datasheet
193Kb / 2P
   RF Directional Couplers (SMA / TAB Type)
logo
Schurter Inc.
60000214 SCHURTER-60000214 Datasheet
82Kb / 1P
   APPLIANCE COUPLERS
logo
Communications & Power ...
VWP1137 CPI-VWP1137 Datasheet
90Kb / 1P
   Power Couplers
VWP3032 CPI-VWP3032 Datasheet
84Kb / 1P
   Power Couplers
logo
American Accurate Compo...
QPH9232 AAC-QPH9232 Datasheet
265Kb / 2P
   RF Couplers
logo
Schurter Inc.
60040215 SCHURTER-60040215 Datasheet
70Kb / 1P
   APPLIANCE COUPLERS
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com