Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VM32400F-75BLI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS42VM32400F-75BLI
Description  1M x 32Bits x 4Banks Mobile Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM32400F-75BLI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS42VM32400F-75BLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42VM32400F-75BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VM32400F-75BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VM32400F-75BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VM32400F-75BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM32400F-75BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM32400F-75BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM32400F-75BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM32400F-75BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
IS42VM32400F
Table2: Pin Descriptions
Pin
Pin Name
Descriptions
Pin
Pin Name
Descriptions
CLK
System Clock
The system clock input. All other inputs are registered to the
SDRAM on the rising edge CLK.
CKE
Clock Enable
Controls internal clock signal and when deactivated, the SDRAM
will be one of the states among power down, suspend or self
refresh.
/CS
Chip Select
Enable or disable all inputs except CLK, CKE and DQM.
BA0 BA1
Bk Add
Selects bank to be activated during RAS activity.
BA0~BA1
Bank Address
ba
o b a
a d du g
a
y
Selects bank to be read/written during CAS activity.
A0~A11
Address
Row Address
: RA0~RA11
Column Address
: CA0~CA7
Auto Precharge
: A10
/RAS, /CAS, /WE
Row Address Strobe,
Column Address Strobe,
Write Enable
RAS, CAS and WE define the operation.
Refer function truth table for details.
Ct l
t t b ff
i
d
d
d
k i
t d t i
DQM0~DQM3
Data Input/Output Mask
Controls output buffers in read mode and masks input data in
write mode.
DQ0~DQ31
Data Input/Output
Data input/output pin.
VDD/VSS
Power Supply/Ground
Power supply for internal circuits and input buffers.
VDDQ/VSSQ
Data Output Power/Ground
Power supply for output buffers.
NC
No Connection
No connection.
3
Rev. A | July 2010
www.issi.com - DRAM@issi.com


Similar Part No. - IS42VM32400F-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32400E ISSI-IS42VM32400E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
IS42VM32400G ISSI-IS42VM32400G Datasheet
545Kb / 33P
   All pins are compatible with LVCMOS interface
IS42VM32400G-6BLI ISSI-IS42VM32400G-6BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400G-75BI ISSI-IS42VM32400G-75BI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400G-75BLI ISSI-IS42VM32400G-75BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42VM32400F-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400G-6BLI ISSI-IS42SM32400G-6BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM ISSI-IS42SM Datasheet
1Mb / 33P
   1M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5V52F HYNIX-HY5V52F Datasheet
336Kb / 13P
   4Banks x 2M x 32bits Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com