Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VM16800F Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS42VM16800F
Description  2M x 16Bits x 4Banks Mobile Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM16800F Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS42VM16800F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VM16800F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM16800F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM16800F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM16800F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM16800F Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VM16800F Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VM16800F Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42VM16800F Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
IS42VM16800F
In general, this 128Mb SDRAM (2M x 16Bits x 4banks) is a multi-bank DRAM that operates at 1.8V and includes a synchronous
Functional Description
interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the 33,554,432-bit banks is organized as
4,096 rows by 512 columns by 16-bits
Read and write accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed
number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed
by a READ or WRITE command. The address bits registered coincident with the ACTIVE command are used to select the bank and
row to be accessed (BA0-BA1 select the bank, A0-A11 select the row). The address bits (BA0-BA1 select the bank, A0-A8 select the
column) registered coincident with the READ or WRITE command are used to select the starting column location for the burst access.
Pi
t
l
ti
th SDRAM
t b iiti li d Th fll
i
ti
id dtil d if
ti
i
di
Prior tonormal operation, the SDRAM must be initialized. The following sections provide detailed information covering device
initialization, register definition, command descriptions and device operation.
Power up and Initialization
SDRAMs must be powered up and initialized in a predefined manner. Operational procedures other than those specified may result in
undefined operation. Once power is applied to VDD and VDDQ(simultaneously) and the clock is stable(stable clock is defined as a
signal cycling within timing constraints specified for the clock pin), the SDRAM requires a 300µs delay prior to issuing any command
other than a COMMAND INHIBIT or NOP CKE must be held high during the entire initialization period until the PRECHARGE command
other than a COMMAND INHIBIT or NOP. CKE must be held high during the entire initialization period until the PRECHARGE command
has been issued. Starting at some point during this 300µs period and continuing at least through the end of this period, COMMAND
INHIBIT or NOP commands should be applied.
Once the 300µs delay has been satisfied with at least one COMMAND INHIBIT or NOP command having been applied, a PRECHARGE
command should be applied. All banks must then be precharged, thereby placing the device in the all banks idle state.
Once in theidlestate, two AUTO REFRESHcyclesmust be performed. After the AUTO REFRESH cycles arecomplete, theSDRAM is
ready for mode register programming. Because the mode register will power up in an unknown state, it should be loaded prior to
applying any operational command. And a extended mode register set command will be issued to program specific mode of self
applying any operational command. And a extended mode register set command will be issued to program specific mode of self
refresh operation(PASR). The following these cycles, the Mobile SDRAM is ready for normal operation.
Register Definition
Mode Register
The mode register is used to define the specific mode of operation of the SDRAM. This definition includes the selection of a burst
length, a burst type, a CAS latency, an operating mode and a write burst mode. The mode register is programmed via the LOAD
MODE REGISTER command and will retain the stored information until it is programmed again or the device loses power
MODE REGISTER command and will retain the stored information until it is programmed again or the device loses power.
Mode register bits M0-M2 specify the burst length, M3 specifies the type of burst (sequential or interleaved), M4-M6 specify the CAS
latency, M7 and M8 specify the operating mode, M9 specifies the write burst mode, and M10-M11 should be set to zero. M12 should
be set to zero to prevent extended mode register.
Themoderegistermustbe loadedwhen all banksare idle, and the controller must wait the specified time before initiating the
subsequent operation. Violating either of these requirements will result in unspecified operation.
Extended Mode Register
The Extended Mode Register controls the functions beyond those controlled by the Mode Register. These additional functions are
special features of the BATRAM device. They include Partial Array Self Refresh (PASR) and Driver Strength (DS).
The Extended Mode Register is programmed via the Mode Register Set command and retains the stored information until it is
programmed again or the device loses power.
TheExtendedModeRegistermustbeprogrammedwithM7through M11set to “0”. TheExtendedModeRegistermustbeloadedwhen
all banks are idle and no bursts are in progress, and the controller must wait the specified time before initiating any subsequent
operation. Violating either of these requirements results in unspecified operation.
8
www.issi.com - DRAM@issi.com
Rev. A | July 2010


Similar Part No. - IS42VM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM16800E ISSI-IS42VM16800E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42VM16800G-6BLI ISSI-IS42VM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16800G-75BI ISSI-IS42VM16800G-75BI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16800G-75BLI ISSI-IS42VM16800G-75BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42VM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM16800H ISSI-IS42VM16800H Datasheet
847Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800G-6BLI ISSI-IS42SM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800H-6BLI ISSI-IS42SM16800H-6BLI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM16160E ISSI-IS42VM16160E Datasheet
838Kb / 33P
   4M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320D ISSI-IS42VM16320D Datasheet
550Kb / 27P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320E ISSI-IS42VM16320E Datasheet
832Kb / 33P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM ISSI-IS42SM Datasheet
1Mb / 33P
   1M x 16Bits x 4Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com