Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19L-14P-1F Datasheet(PDF) 1 Page - Hirose Electric

Part # DF19L-14P-1F
Description  1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19L-14P-1F Datasheet(HTML) 1 Page - Hirose Electric

  DF19L-14P-1F Datasheet HTML 1Page - Hirose Electric DF19L-14P-1F Datasheet HTML 2Page - Hirose Electric DF19L-14P-1F Datasheet HTML 3Page - Hirose Electric DF19L-14P-1F Datasheet HTML 4Page - Hirose Electric DF19L-14P-1F Datasheet HTML 5Page - Hirose Electric DF19L-14P-1F Datasheet HTML 6Page - Hirose Electric DF19L-14P-1F Datasheet HTML 7Page - Hirose Electric DF19L-14P-1F Datasheet HTML 8Page - Hirose Electric DF19L-14P-1F Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
DF19 Series
NEW
2000.5
,,,,
,,,,
,,,,,
,,,,,
,,,
,,
,,,,
,,,,
,,,,,
,,,,,,,
,,
,,
,,
,,,,
,,,,
,,
,,
,,,,,,,,,,
,,,,,,
,,,,,,,,,,
,,,,
,,,,,
,,
,,
,,
,,,,,,,
,,,,
,,,,
Drawing of mated connectors
on a DF19G - *P-1H board
,,
,,
,,,,,,,
,,
,,
,,
,,,,
,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,
,,,,,,
,,,,,
,,,
,,
,,,,
,,,,
,,,,,,,,,,
,,,,
,,
,,
,,
,,,,,,,
,,,,
,,,,
,,,,
For connection
of cables
On-board type
Offset type
Reverse offset type
For connection
of FPC
For connection of
fine coaxial cables
,,
,,,,,,,
,,
,,
,,
,,,,
,,
,,,,,,,,,,
,,,,,,
,,
,,,,,
,,,
,,
,,,,
,,,,
,,,,,,,,,,
,,,,
,,
,,
,,
,,,,,,,
,,,,,,,
,,,,
,,,,
,,,,
,,
,,,,,,,,,,
,,,,,,
,,
,,,,
,,
,,,,,,,
,,,,
,,
,,,
,,,,,,,,,,
,,,,,,,,,,
,,
,,
,,
,,,,,,,
,,,,
,,
,,
,,,,
,,,,
,,,,
,,,,
sFeatures
1. Ultra Low Profile
FPC type: Max. 1.7 mm thick
Discrete Wire & Coaxial 1.5 mm thick
2. SMT HEADERS Suit all Sockets
Each header can connect to three different sockets (cable, FPC,
and fine coaxial cable type.
(Note: Fine coaxial cable type is under development.)
3. Standardised Outer Dimensions
The three sockets have the same outside dimensions to allow
complete Flexibility.
4. Many Variations
There are headers of the on-board, offset, and reverse offset types
to accommodate all designs.
5. Connection to a Metal GROUND Plate
Ground lines can be connected to a metal shell for shielding.
sApplication
LCDs, notebook personal computers, small OA machines, and small consumer products
1 mm-Pitch Low Profile Connector System for Wire to PCB Applications
Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable.
Drawing of mated connectors
on a DF19K- *P-1H board
Drawing of mated connectors
on a DF19L- *P-1H board
Drawing of mated connectors
on a DF19KR- *P-1H board


Similar Part No. - DF19L-14P-1F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19L-14P-1F HIROSE-DF19L-14P-1F Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19L-14P-1FGND HIROSE-DF19L-14P-1FGND Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
More results

Similar Description - DF19L-14P-1F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Samtec, Inc
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
   (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com