Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF7-1618SC Datasheet(PDF) 11 Page - Hirose Electric

Part # DF7-1618SC
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-1618SC Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF7-1618SC Datasheet HTML 7Page - Hirose Electric DF7-1618SC Datasheet HTML 8Page - Hirose Electric DF7-1618SC Datasheet HTML 9Page - Hirose Electric DF7-1618SC Datasheet HTML 10Page - Hirose Electric DF7-1618SC Datasheet HTML 11Page - Hirose Electric DF7-1618SC Datasheet HTML 12Page - Hirose Electric DF7-1618SC Datasheet HTML 13Page - Hirose Electric DF7-1618SC Datasheet HTML 14Page - Hirose Electric DF7-1618SC Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
CL No.
Part Number
Number of contacts
A
B
Quantity per tray
DF7- 4DP-3.96DSA(24)
DF7- 6DP-3.96DSA(24)
DF7- 8DP-3.96DSA(24)
DF7-10DP-3.96DSA(24)
DF7-12DP-3.96DSA(24)
4
6
8
10
12
10.40
14.36
18.32
22.28
26.24
3.96
7.92
11.88
15.84
19.80
132
96
72
60
54
CL680-0145-0-24
CL680-0146-3-24
CL680-0147-6-24
CL680-0148-9-24
CL680-0149-1-24
s Double-row Straight Header
2.22
±1.4
1.26
Contact No.1
indicator
No. of
contacts
indicator
Cavity No.
M0.64
P=3.96
B
A
10
A
P=3.96±0.05
B±0.1
Contact No.1
2.22±0.05
Ø1.6
+0.1
0
Note: Tray packaging. Order by number of trays quantity.
B PCB mounting pattern
(Board thickness: 1.6±0.1)
CL No.
Part Number
Number of contacts
A
B
C
Quantity per tray
DF7- 4DP-3.96DS(24)
DF7- 6DP-3.96DS(24)
DF7- 8DP-3.96DS(24)
DF7-10DP-3.96DS(24)
DF7-12DP-3.96DS(24)
4
6
8
10
12
10.40
14.36
18.32
22.28
26.24
8.40
12.36
16.32
20.28
24.24
3.96
7.92
11.88
15.84
19.80
88
64
48
40
36
CL680-0150-0-24
CL680-0151-3-24
CL680-0152-6-24
CL680-0153-9-24
CL680-0154-1-24
s Double-row Right angle Header
Cavity No.
A
A
No. of
contacts
indicator
2.2
C
P=3.96
B
A
Contact No.1 indicator
3.5
C±0.1
3.96±0.05
B±0.1
*
-Ø1.1
+0.10
2-Ø2
+
0.1
0
Contact No.1
Note: Tray packaging. Order by number of trays quantity.
B PCB mounting pattern
(Board thickness: 1.6±0.1)


Similar Part No. - DF7-1618SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF7-1618SC HIROSE-DF7-1618SC Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1618SCF HIROSE-DF7-1618SCF Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
More results

Similar Description - DF7-1618SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com