Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S32160D Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS45S32160D
Description  Internal bank for hiding row access/precharge
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S32160D Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS45S32160D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S32160D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S32160D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S32160D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S32160D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S32160D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S32160D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S32160D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S32160D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
IS42/45R86400D/16320D/32160D
IS42/45S86400D/16320D/32160D
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. A
08/29/2012
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time with-
out notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain
the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such ap-
plications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
FEATURES
• Clock frequency: 200, 166, 143 MHz
• Fullysynchronous;allsignalsreferencedtoa
positive clock edge
• Internalbankforhidingrowaccess/precharge
• Powersupply:Vdd/Vddq = 2.3V-3.6V
IS42/45SxxxxxD-Vdd/Vddq = 3.3V
IS42/45RxxxxxD-Vdd/Vddq = 2.5
• LVTTLinterface
• Programmableburstlength
– (1, 2, 4, 8, full page)
• Programmableburstsequence:
Sequential/Interleave
• AutoRefresh(CBR)
• SelfRefresh
• 8Krefreshcyclesevery64ms
• Randomcolumnaddresseveryclockcycle
• ProgrammableCAS latency (2, 3 clocks)
• Burstread/writeandburstread/singlewrite
operations capability
• Burstterminationbyburststopandprecharge
command
• Packages:
x8/x16:54-pinTSOP-II,54-ballTF-BGA(x16only)
x32:90-ballTF-BGA
• TemperatureRange:
Commercial (0oC to +70oC)
Industrial (-40oC to +85oC)
Automotive, A1 (-40oC to +85oC)
Automotive, A2 (-40oC to +105oC)
16Mx32, 32Mx16, 64Mx8
512Mb SDRAM
SEPTEMBER 2012
KEY TIMING PARAMETERS
Parameter
-5
-6
-7
Unit
ClkCycleTime
CAS
Latency=3
5
6
7
ns
CAS
Latency=2
10
10
7.5
ns
ClkFrequency
CAS
Latency=3
200
167
143
Mhz
CAS
Latency=2
100
100
133
Mhz
AccessTimefromClock
CAS
Latency=3
5.0
5.4
5.4
ns
CAS
Latency=2
6
6
5.4
ns
ADDRESS TABLE
Parameter
16M x 32
32M x 16
64M x 8
Configuration
4M x 32 x 4
banks
8M x 16 x 4
banks
16M x 8 x 4
banks
BankAddress
Pins
BA0,BA1
BA0,BA1
BA0,BA1
Autoprecharge
Pins
A10/AP
A10/AP
A10/AP
Row Address
8K(A0–A12) 8K(A0–A12) 8K(A0–A12)
Column
Address
512(A0 – A8)
1K(A0–A9)
2K(A0–A9,
A11)
Refresh Count
Com./Ind./A1
A2
8K/64ms
8K/16ms
8K/64ms
8K/16ms
8K/64ms
8K/16ms
PACKAGE INFORMATION
IS42/45S32160D
IS42/45R32160D
IS42/45S16320D
IS42/45R16320D
IS42/45S86400D
IS42/45R86400D
4M x 32 x 4
banks
8M x 16 x 4
banks
16M x 8 x 4
banks
90-ballTF-BGA
54-pinTSOP-II
54-ballTF-BGA
54-pinTSOP-II
DEVICE OVERVIEW
ISSI's 512Mb Synchronous DRAM achieves high-speed
data transfer using pipeline architecture. All inputs and
outputs signals refer to the rising edge of the clock input.
The512MbSDRAMisorganizedasfollows.


Similar Part No. - IS45S32160D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S32160B ISSI-IS45S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS45S32160B-6BLA1 ISSI-IS45S32160B-6BLA1 Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS45S32160B-6TLA1 ISSI-IS45S32160B-6TLA1 Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS45S32160B-7BLA1 ISSI-IS45S32160B-7BLA1 Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS45S32160B-7BLA2 ISSI-IS45S32160B-7BLA2 Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
More results

Similar Description - IS45S32160D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16402J ISSI-IS42S16402J Datasheet
1Mb / 61P
   Internal bank for hiding row access/precharge
IS42S32800J ISSI-IS42S32800J Datasheet
1Mb / 60P
   Internal bank for hiding row access/precharge
IS42VS16400L ISSI-IS42VS16400L Datasheet
717Kb / 56P
   Internal bank for hiding row access/precharge
IS43R83200F ISSI-IS43R83200F Datasheet
1Mb / 32P
   Auto Precharge
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
logo
Alliance Semiconductor ...
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
Texas Instruments
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com