Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45R32160D Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS45R32160D
Description  Internal bank for hiding row access/precharge
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45R32160D Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS45R32160D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45R32160D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45R32160D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45R32160D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45R32160D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45R32160D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45R32160D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45R32160D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45R32160D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. A
08/29/2012
IS42/45R86400D/16320D/32160D, IS42/45S86400D/16320D/32160D
PIN CONFIGURATION
54-ball TF-BGA for x16 (TopView)(8.00mmx13.00mmBody,0.8mmBallPitch)
packagecode:B
1 2 3 4 5 6 7 8 9
A
B
C
D
E
F
G
H
J
VSS
DQ14
DQ12
DQ10
DQ8
DQMH
A12
A8
VSS
DQ15
DQ13
DQ11
DQ9
NC
CLK
A11
A7
A5
VSSQ
VDDQ
VSSQ
VDDQ
VSS
CKE
A9
A6
A4
VDDQ
VSSQ
VDDQ
VSSQ
VDD
CAS
BA0
A0
A3
DQ0
DQ2
DQ4
DQ6
DQML
RAS
BA1
A1
A2
VDD
DQ1
DQ3
DQ5
DQ7
WE
CS
A10
VDD
PIN DESCRIPTIONS
A0-A12
Row Address Input
A0-A9
Column Address Input
BA0,BA1
BankSelectAddress
DQ0toDQ15 DataI/O
CLK
SystemClockInput
CKE
ClockEnable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
DQML
x16LowerByteInput/OutputMask
DQMH
x16UpperByteInput/OutputMask
Vdd
Power
Vss
Ground
Vddq
PowerSupplyforI/OPin
Vssq
GroundforI/OPin
NC
No Connection


Similar Part No. - IS45R32160D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45R32160F ISSI-IS45R32160F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
More results

Similar Description - IS45R32160D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16402J ISSI-IS42S16402J Datasheet
1Mb / 61P
   Internal bank for hiding row access/precharge
IS42S32800J ISSI-IS42S32800J Datasheet
1Mb / 60P
   Internal bank for hiding row access/precharge
IS42VS16400L ISSI-IS42VS16400L Datasheet
717Kb / 56P
   Internal bank for hiding row access/precharge
IS43R83200F ISSI-IS43R83200F Datasheet
1Mb / 32P
   Auto Precharge
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
logo
Alliance Semiconductor ...
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
Texas Instruments
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com