Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42R86400F Datasheet(PDF) 30 Page - Integrated Silicon Solution, Inc

Part # IS42R86400F
Description  8K refresh cycles every 64 ms
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42R86400F Datasheet(HTML) 30 Page - Integrated Silicon Solution, Inc

Back Button IS42R86400F Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS42R86400F Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS42R86400F Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS42R86400F Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS42R86400F Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS42R86400F Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS42R86400F Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS42R86400F Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS42R86400F Datasheet HTML 34Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
30
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
11/5/2013
IS42/45R86400F/16320F/32160F, IS42/45S86400F/16320F/32160F
CLK
CKE
ROW ADDRESS
BANK ADDRESS
CS
RAS
CAS
WE
A0-A12
BA0,BA1
HIGH
ACTIVATING SPECIFIC ROW WITHIN SPE-
CIFIC BANK
DON'T CARE
CLK
COMMAND
ACTIVE
NOP
NOP
tRCD
T0
T1
T2
T3
T4
READ or
WRITE
CHIP OPERATION
BANK/ROW ACTIVATION
BeforeanyREADorWRITEcommandscanbeissued
to a bank within the SDRAM, a row in that bank must be
“opened.”ThisisaccomplishedviatheACTIVEcommand,
which selects both the bank and the row to be activated
(see ActivatingSpecificRowWithinSpecificBank).
After opening a row (issuinganACTIVEcommand), a READ
orWRITEcommandmaybeissuedtothatrow,subjectto
the trcd specification. Minimum trcd should be divided by
the clock period and rounded up to the next whole number
to determine the earliest clock edge after the ACTIVE
commandonwhichaREADorWRITEcommandcanbe
entered.Forexample,atrcd specification of 15ns with a
143 MHz clock (7ns period) results in 2.14 clocks, rounded
to3.Thisisreflectedinthefollowingexample,whichcov-
ersanycasewhere2<[trcd (MIN)/tck] ≤3.(Thesame
procedure is used to convert other specification limits from
time units to clock cycles).
AsubsequentACTIVEcommandtoadifferentrowinthe
same bank can only be issued after the previous active
rowhasbeen“closed”(precharged).Theminimumtime
intervalbetweensuccessiveACTIVEcommandstothe
same bank is defined by trc.
AsubsequentACTIVEcommandtoanotherbankcanbe
issued while the first bank is being accessed, which results
inareductionoftotalrow-accessoverhead.Theminimum
timeintervalbetweensuccessiveACTIVEcommandsto
different banks is defined by trrd.
EXAMPLE: MEETING TRCD (MIN) WHEN 2 < [TRCD (MIN)/TCK] ≤ 3


Similar Part No. - IS42R86400F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42R86400D ISSI-IS42R86400D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
More results

Similar Description - IS42R86400F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100E ISSI-IS42VS16100E Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Infineon Technologies A...
S27KL0642 INFINEON-S27KL0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
logo
Cypress Semiconductor
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
Samsung semiconductor
M466F0804DT1-L SAMSUNG-M466F0804DT1-L Datasheet
463Kb / 20P
   8M x 64 DRAM SODIMM Using 4Mx16, 4K Refresh 3.3V, Low power/Self-Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com