Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LQ040B Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25LQ040B
Description  3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LQ040B Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25LQ040B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LQ040B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LQ040B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LQ040B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LQ040B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LQ040B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LQ040B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LQ040B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LQ040B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
IS25LQ025/512/010/020/040B
Integrated Silicon Solution, Inc.- www.issi.com
Rev.A
12/12/2014
2
256K/512K/1M/2M/4MBIT
3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
FEATURES
 Industry Standard Serial Interface
- IS25LQ040B: 4Mbit/ 512Kbyte
- IS25LQ020B: 2Mbit/ 256Kbyte
- IS25LQ010B: 1Mbit/ 128Kbyte
- IS25LQ512B: 512Kbit/ 64Kbyte
- IS25LQ025B: 256Kbit/ 32Kbyte
- 256-bytes per Programmable Page Standard
- Standard SPI/Dual/Quad Multi-I/O SPI
- Supports Serial Flash Discoverable Parameters
(SFDP)
 High Performance Serial Flash (SPI)
- 104 MHz SPI/Dual/Quad Multi-I/O SPI
- 416 MHz equivalent Quad SPI
- 52MB/S Continuous Data Throughput
- Supports SPI Modes 0 and 3
- More than 100,000 erase/program cycles
- More than 20-year data retention
 Efficient Read and Program modes
- Low Instruction Overhead Operations
- Continuous data read with Byte Wrap around
- Allows XIP operations (execute in place)
- Outperforms X16 Parallel Flash
 Flexible & Cost Efficient Memory Architecture
- Uniform 4Kbyte Sectors or 32/64Kbyte Blocks
- Flexible 4, 32, 64Kbyte, or Chip Erase
- Standard Page Program 1 to 256 bytes
- Program/Erase Suspend and Resume
 Low Power with Wide Temp. Ranges
- Single 2.3V to 3.6V Voltage Supply
- 10 mA Active Read Current
- 8 µA Standby Current
- Deep Power Down
- Temp Grades:
Extended: -40°C to +105°C
V Grade: -40°C to +125°C
Auto Grade: -40°C to +125°C
 Advanced Security Protection
- Software and Hardware Write Protection
- 4x256-Byte dedicated security area with
user-lockable bits, (OTP) One Time
Programmable Memory
- 128 bit Unique ID for each device
 Industry Standard Pin-out & Pb-Free Packages1
- JB = 8-pin SOIC 208mil
- JN = 8-pin SOIC 150mil
- JD = 8-pin TSSOP 150mil
- JV = 8-pin VVSOP 150mil
- JK = 8-contact WSON 6x5mm
- JU = 8-contact USON 2x3mm
- KGD (call factory)
Note1: IS25LQ040B (not available in JD)
GENERAL DESCRIPTION
The IS25LQ025/512/010/020/040B (256K/512K/1M/2M/4Mbit) Serial Flash memory offers a storage solution with
flexibility and performance in a simplified pin count package. ISSI’s “Industry Standard Serial Interface” is for systems
that have limited space, pins, and power. The IS25LQ025/512/010/020/040B is accessed through a 4-wire SPI
Interface consisting of a Serial Data Input (SI), Serial Data Output (SO), Serial Clock (SCK), and Chip Enable (CE#)
pins, which also serve as multi-function I/O pins in Dual and Quad modes (see pin descriptions). The IS25xQ series of
Flash is ideal for code shadowing to RAM, execute in place (XIP) operations, and storing non-volatile data.
The memory array is organized into programmable pages of 256-bytes each. The IS25LQ025/512/010/020/040B
supports page program mode where 1 to 256 bytes of data can be programmed into the memory with one command.
Pages can be erased in groups of 4Kbyte sectors, 32Kbyte blocks, 64Kbyte blocks, and/or the entire chip. The uniform
sectors and blocks allow greater flexibility for a variety of applications requiring solid data retention.
The device supports the standard Serial Peripheral Interface (SPI), Dual/Quad output (SPI), and Dual/Quad I/O (SPI).
Clock frequencies of up to 104MHz for all read modes allow for equivalent clock rates of up to 416MHz (104MHz x 4)
allowing up to 52MBytes/S of throughput. These transfer rates can outperform 16-bit Parallel Flash memories allowing
for efficient memory access for a XIP (execute in place) operation. The IS25LQ025/512/010/020/040B is manufactured
using industry leading non-volatile memory technology and offered in industry standard lead-free packages. See
Ordering Information for the density and package combinations available.


Similar Part No. - IS25LQ040B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ040 ISSI-IS25LQ040 Datasheet
746Kb / 54P
   4 Mbit Single Operating Voltage Serial Flash Memory With 104
More results

Similar Description - IS25LQ040B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
   3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LP256 ISSI-IS25LP256 Datasheet
984Kb / 15P
   3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WQ020 ISSI-IS25WQ020 Datasheet
805Kb / 65P
   1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com