Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF9C-31P-1V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF9C-31P-1V
Description  1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9C-31P-1V Datasheet(HTML) 2 Page - Hirose Electric

  DF9C-31P-1V Datasheet HTML 1Page - Hirose Electric DF9C-31P-1V Datasheet HTML 2Page - Hirose Electric DF9C-31P-1V Datasheet HTML 3Page - Hirose Electric DF9C-31P-1V Datasheet HTML 4Page - Hirose Electric DF9C-31P-1V Datasheet HTML 5Page - Hirose Electric DF9C-31P-1V Datasheet HTML 6Page - Hirose Electric DF9C-31P-1V Datasheet HTML 7Page - Hirose Electric DF9C-31P-1V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A279
sProduct Specifications
Rating
Current rating 0.5A
Operating Temperature Range -45 to +125ç (Note 1) Storage Temperature Range -10 to +60ç (Note 2)
Voltage rating150V AC
Operating Humidity Range 40 to 80%
Storage Humidity Range 40 to 70%
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during
transportation.
Note:The gold plated product contact area is plated with gold, and lead plated with tin-lead.
sMaterial
Product
Part
Material
Finish
Remarks
Item
specification
Condition
1. Insulation Resistance
500M ohms min.
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
250V AC/1 minute
3. Contact Resistance
50m ohms max.
100mA
4. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Contact resistance: 50m ohms max. Insulation resistance: 500M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance: 50m ohms max. Insulation resistance: 500M ohms min. (-55ç: 30 minutes 5 to 35ç: 10 minutes 85ç: 30 minutes 5 to 35ç: 10 minutes) 5 cycles
7. Durability (Mating/un-mating) Contact resistance: 50m ohms max:
Tin plating: 30 cycles
Gold plating: 100 cycles
8. Resistance to Soldering heat
No deformation of components affecting performance.
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
Receptacle/Header
Insulator
Polyamide
Beige
UL94V-0
Contact
Phosphor copper
Tin plated or gold plated
–––––––
Metal fitting
Brass
Tin plating
–––––––
s Ordering Information
Please determine the specific product. If needed, please select and order products from the product No. as listed on catalog
page A280~A284.
*Refer to page A284 for the bottom entry type (DF9L).
DF9
# - * S - 1 V (**)
q
e
wr
t yu
q Series Name : DF9
w Type
e Number of Contacts
9 to 25,31,41,51
r Connector Type
S: Receptacle
P: Header
t Contact Pitch
: 1mm
y Contact Type
V: Straight SMT
u Contact Surface Finish/Packaging Type
(20): Tin plated, tube packaging
(54): Gold plated, tube packaging
(22): Tin plated, embossed tape packaging
(59): Gold plated, embossed tape packaging
qReceptacle/Header
Fitting Boss
Blank
KK
A
K
B
K
C
∞∞


Similar Part No. - DF9C-31P-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-09P-1V HIROSE-DF9-09P-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11P-1V HIROSE-DF9-11P-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11S-1V HIROSE-DF9-11S-1V Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11S-1V HIROSE-DF9-11S-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
More results

Similar Description - DF9C-31P-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com