Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3554 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31LT3554
Description  BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3554 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31LT3554 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3554 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3554 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3554 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3554 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3554 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3554 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3554 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3554 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IS31LT3554
Integrated Silicon Solution, Inc. – www.issi.com
1
Rev. 00A, 08/01/2014
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
Advanced Information
August 2014
GENERAL DESCRIPTION
The IS31LT3554 is a LED driver based on a highly
efficient boost controller operating over a wide input
voltage range of 4.5V to 33V.
The IS31LT3554 contains four regulated current
sources with 1.5% (Typ.) current matching between
strings for a uniform LED brightness. Each current
source can be programmed via an external resistor to
drive from 20mA to 180mA. A fast slew rate current
source allows high frequency and narrow pulse width
dimming signals to achieve a very high contrast ratio.
The device operating frequency can be adjusted from
0.1MHz to 1MHz.
The IS31LT3554 has safety protection features to
prevent damage during fault conditions. Protection
features include an internal soft-start circuit to prevent
a high inrush current during startup, open/short LED
protection to automatically disable a faulty current
source, over temperature protection (OTP),
cycle-by-cycle current limit, under voltage lockout
(UVLO), programmable OVP, VOUT short / Schottky
diode open protection and Schottky Diode
short-circuit protection.
The IS31LT3554 is available in a thermally enhanced
eTSSOP-16 package.
FEATURES
Input voltage range: 4.5V to 33V
4-Channel LED current sinks, 180mA per string
LED current adjustable from 20mA to 180mA
String-to-string current matching accuracy: 1.5%
Adjustable operating frequency: 100kHz to 1MHz
External PWM dimming
High contrast ratio
Less than 3µA shutdown current
Programmable soft-start
Built-in protection features
• OCP, OTP, UVLO
• Open/short LED protection
• Programmable OVP
• Schottky Diode/inductor short-circuit protection
APPLICATIONS
LCD Monitor/TV
LED lighting
TYPICAL APPLICATION CIRCUIT
Figure 1
Typical Application Circuit


Similar Part No. - IS31LT3554

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
More results

Similar Description - IS31LT3554

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32BL3554 ISSI-IS32BL3554 Datasheet
344Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
   Boost Type LED Driver with 12-Channel Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
logo
Diodes Incorporated
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
logo
Lowpower Semiconductor ...
LP3164 POWER-LP3164 Datasheet
131Kb / 5P
   4-Channel Current Source White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com