Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF20A-20DP-1V Datasheet(PDF) 5 Page - Hirose Electric

Part # DF20A-20DP-1V
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20A-20DP-1V Datasheet(HTML) 5 Page - Hirose Electric

  DF20A-20DP-1V Datasheet HTML 1Page - Hirose Electric DF20A-20DP-1V Datasheet HTML 2Page - Hirose Electric DF20A-20DP-1V Datasheet HTML 3Page - Hirose Electric DF20A-20DP-1V Datasheet HTML 4Page - Hirose Electric DF20A-20DP-1V Datasheet HTML 5Page - Hirose Electric DF20A-20DP-1V Datasheet HTML 6Page - Hirose Electric DF20A-20DP-1V Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
[Specifications number]-*, (**)
(59): Gold plating,
embossed tape packaging
sDouble Row Right angle Pin header
BPCB Footprints
C ±0.1
0.75 ±0.1
A ±0.05
P= ±0.03
0.6 ±0.05
1
B
5
A
A
6.2
0.2
C
0.2
P= 1
Indication of
number of
contacts
Contact No.2
Contact No.1
Contact No.1
marking
Contact No.3
Contact No.**
Contact No.**-1
Note : Shaded area must be free of any electrically conductive traces to avoid contact with soldered pin header terminations.
Note:Order embossed tape packaging items by the reel. (1 reel contains 1,000 pieces)
Product No.
HRS No.
Number of contacts
A
B
C
Remarks
DF20F -10DP-1H (
* * )
DF20F -20DP-1H (
* * )
DF20F -30DP-1H (
* * )
DF20F -40DP-1H (
* * )
DF20F -50DP-1H (
* * )
686-0027-2 (
* * )
686-0028-5
(
* * )
686-0029-8
(
* * )
Reserved for product expansion
Reserved for product expansion
10
20
30
40
50
24.0
29.0
14.0
19.0
24.0
27.5
12.5
17.5
22.5
27.5
26.2
11.2
16.2
21.2
26.2
Without boss
Unit: mm


Similar Part No. - DF20A-20DP-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20A-20DS-1C HIROSE-DF20A-20DS-1C Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-20DS-1C HIROSE-DF20A-20DS-1C Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20A-20DP-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C_1 Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20 HIROSE-DF20 Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com