Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP2111 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31AP2111
Description  2횞20W STEREO DIGITAL AUDIO AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2111 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2111 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
IS31AP2111
Integrated Silicon Solution, Inc. – www.issi.com
7
Rev. 0A, 09/10/2014
AC ELECTRICAL CHARACTERISTICS
TA=25°C, VCC=24V, VDD = 3.3V, fS = 48kHz, RL=8
Ω with passive LC lowpass filter (L= 22µH, R
DC= 0.
12Ω,
C=470nF), input is 1kHz sinewave, volume is 0dB unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PO
RMS output power
THD+N=0.38%, +8dB volume
(Note 2)
20
W
THD+N
Total harmonic distortion +
noise
PO = 10W
0.24
%
VNO
Output noise
20Hz ~ 20kHz (Note 3)
179
µV
SNR
Signal-to-noise ratio
+8dB volume, input level is -9dB
(Note 3)
99
dB
DR
Dynamic range
+8dB volume, input level is -68dB
(Note 3)
104
dB
PSRR
Power supply ripple rejection VRIPPLE = 1VRMS at 1kHz
-68
dB
Channel separation
1W @1kHz
-85
dB
I2C DIGITAL INPUT SWITCHING CHARACTERISTICS (Note 4)
Symbol
Parameter
Standard Mode
Fast Mode
Unit
Min.
Max.
Min.
Max.
fSCL
Serial-Clock frequency
0
100
0
400
kHz
tBUF
Bus free time between a STOP and a START
condition
4.7
1.3
μs
tHD, STA
Hold time (repeated) START condition
4.0
0.6
μs
tSU, STA
Repeated START condition setup time
4.7
0.6
μs
tSU, STO
STOP condition setup time
4.0
0.6
μs
tHD, DAT
Data hold time
0
3.45
0
0.9
μs
tSU, DAT
Data setup time
250
100
ns
tLOW
SCL clock low period
4.7
1.3
μs
tHIGH
SCL clock high period
4.0
0.6
μs
tR
Rise time of both SDA and SCL signals,
receiving
1000
20+0.1Cb
300
ns
tF
Fall time of both SDA and SCL signals,
receiving
300
20+0.1Cb
300
ns
Cb
Capacitive load for each bus line
400
400
pF
VNL
Noise margin at the low level for each
connected device (including hysteresis)
0.1VDD
0.1VDD
V
VNH
Noise margin at the high level for each
connected device (including hysteresis)
0.2VDD
0.2VDD
V


Similar Part No. - IS31AP2111

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
   8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - IS31AP2111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5701 TI-TAS5701_15 Datasheet
961Kb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5701 TI-TAS5701 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5710 TI-TAS5710 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5701 TI1-TAS5701_17 Datasheet
1Mb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2306 EUTECH-EUA2306 Datasheet
93Kb / 1P
   20-W Stereo Digital Audio Power Amplifier
logo
Elite Semiconductor Mem...
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
   2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com