Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LP256-JGLE1 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS25LP256-JGLE1
Description  3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256-JGLE1 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256-JGLE1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256-JGLE1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256-JGLE1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256-JGLE1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256-JGLE1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256-JGLE1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP256-JGLE1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP256-JGLE1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP256-JGLE1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IS25LP256
Integrated Silicon Solution, Inc.- www.issi.com
8
Rev.00A
1/16/2014
BLOCK DIAGRAM
Note1: In case of 16-pin SOIC package, RESET# pin will be added to another pin without sharing with HOLD# pin for
the dedicated parts. Call Factory for the additional RESET# pin option.
WP# (IO2)
Control Logic
High Voltage Generator
I/O Buffers and
Data Latches
256 Bytes
Page Buffer
Y-Decoder
Status
Register
Address Latch &
Counter
Memory Array
CE#
SCK
WP#
(IO2)
SI
(IO0)
SO
(IO1)
HOLD# or RESET#
(IO3)
(1)
ADVANCED INFORMATION


Similar Part No. - IS25LP256-JGLE1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EGLA3 ISSI-IS25LP256D-EGLA3 Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EGLE ISSI-IS25LP256D-EGLE Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EHLA3 ISSI-IS25LP256D-EHLA3 Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EHLE ISSI-IS25LP256D-EHLE Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25LP256-JGLE1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ025B ISSI-IS25LQ025B Datasheet
1,002Kb / 66P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
   3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP128 ISSI-IS25WP128 Datasheet
929Kb / 107P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WQ020 ISSI-IS25WQ020 Datasheet
805Kb / 65P
   1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com